Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6220 Datasheet (PDF) - Richtek Technology Corporation

RT6220 Datasheet PDF - Richtek Technology Corporation
Part # RT6220
Download  RT6220 Download
File Size   259.15 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V, 500kHz, ACOT® Synchronous Buck Converter

RT6220 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6220 Datasheet PDF - Richtek Technology Corporation

Part # RT6220
Download  RT6220 Click to download

File Size   259.15 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V, 500kHz, ACOT® Synchronous Buck Converter

RT6220 Datasheet (HTML) - Richtek Technology Corporation


RT6220 Product details

General Description
The RT6220 is a synchronous Buck converter with
Advanced Constant On-Time (ACOT® ) mode control, which
provides a very fast transient response with no external
compensators. The RT6220 operates from 4.5V to 23V
input voltage, provides complete protection functions
including Over Current Protection (OCP), Under Voltage
Protection (UVP) and Over Voltage Protection (OVP). This
IC also provides a 1.5ms internal soft-start function and
an open-drain power good indicator.

Features
 4.5V to 23V Input Voltage Range
 Adjustable from 0.6V to 5V Output Range
 Up to 98% Duty for 2S Battery Application
 500kHz Switching Frequency
 ACOT® Mode Performs Fast Transient Response
 Integrated MOSFETs
 31mΩ of High-Side MOSFET
 20mΩ of Low-Side MOSFET
 Supports MLCC Output Capacitors
 Internal Soft-Start (1.5ms typ)
 Built-in OVP/UVP/OCP
 Power Good Indicator
 Thermal Shutdown

Applications
 Laptop Computers
 Tablet PCs
 Networking Systems
 Servers
 Personal Video Recorders
 Flat Panel Television and Monitors
 Distributed Power Systems




Similar Part No. - RT6220

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6224CHGJ6F RICHTEK-RT6224CHGJ6F Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6226AGQUF RICHTEK-RT6226AGQUF Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6226BGQUF RICHTEK-RT6226BGQUF Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
More results


Similar Description - RT6220

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
logo
Diodes Incorporated
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Feeling Technology Corp...
FP6276B FEELING-FP6276B Datasheet
638Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com