Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7324 Datasheet (PDF) - Anpec Electronics Coropration

APW7324 Datasheet PDF - Anpec Electronics Coropration
Part # APW7324
Download  APW7324 Download
File Size   361.33 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A,5V, 500KHz Synchronous Buck Converter

APW7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7324 Datasheet PDF - Anpec Electronics Coropration

Part # APW7324
Download  APW7324 Click to download

File Size   361.33 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 4A,5V, 500KHz Synchronous Buck Converter

APW7324 Datasheet (HTML) - Anpec Electronics Coropration


APW7324 Product details

General Description
APW7324 is a synchronous buck converters with inte grated 85mW high side and 75mW low side power MOSFETs. The APW7324 with a current-mode control scheme can convert wide input voltage of 2.9V to 6V to the output voltage adjustable from 0.8V to 6V to provide excellent output voltage regulation.

Features
● High Efficiency up to 94%
   - Automatic Skip/PWM Mode Operation
● Adjustable Output Voltage from 0.8V to VIN
● Operating from 2.9 to 6V Supply
● Integrated 85mW High Side / 75mW Low Side
   MOSFETs
● Low Dropout Operation: 100% Duty Cycle
● Stable with Low ESR Ceramic Capacitors
● Current up to 4A
● Power-On-Reset Detection on VCC and VIN
● Integrate Soft-Start and Soft-Stop
● Over-Temperature Protection
● Over-Voltage Protection
● Under-Voltage Protection
● High/ Low Side Current Limit
● Power Good Indication
● Enable/Shutdown Function
● Available in SOP-8P and TDFN3x3-10 Packages
● Lead Free and Green Devices Available
   (RoHS Compliant)

Applications
● Notebook Computer & UMPC
● LCD Monitor/TV
● Set-Top Box
● DSL, Switch HUBr
● Portable Instrument




Similar Part No. - APW7324

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322AKI-TRG ANPEC-APW7322AKI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322AQBI-TRG ANPEC-APW7322AQBI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322KI-TRG ANPEC-APW7322KI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7322QBI-TRG ANPEC-APW7322QBI-TRG Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
More results


Similar Description - APW7324

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
logo
Global Mixed-mode Techn...
G5333A GMT-G5333A Datasheet
169Kb / 1P
High Efficiency 4A Synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com