Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318C Datasheet (PDF) - Richtek Technology Corporation

RT6318C Datasheet PDF - Richtek Technology Corporation
Part # RT6318C
Download  RT6318C Download
File Size   399.13 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6318C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6318C Datasheet PDF - Richtek Technology Corporation

Part # RT6318C
Download  RT6318C Click to download

File Size   399.13 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6318C Datasheet (HTML) - Richtek Technology Corporation


RT6318C Product details

General Description
The RT6318B/C is an advanced constant on-time
(ACOT® ) mode synchronous buck converter. The main
control loop of the RT6318B/C using an advanced constant
on-time (ACOT® ) mode control which provides a very fast
transient response. The RT6318B operates from 4.5V to
23V input voltage and the RT6318C operates from 5.1V
to 23V.

Applications
 Industrial and Commercial Low Power Systems
 Computer Peripherals
 LCD Monitors and TVs
 Green Electronics/Appliances
 Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs

Features
 4.5V to 23V (RT6318B) and 5.1V to 23V (RT6318C)
Input Voltage Range 8A Output Current
 ACOT® Mode Performs Fast Transient Response
 ACOT® Architecture to Enable All MLCC Output
Capacitor Usage
 Fixed 750kHz (RT6318C) and 500kHz (RT6318B)
Switching Frequency
 High Efficient Internal Power MOSFET Switch-
20mΩ (High-Side) and 10mΩ (Low-Side)
 Fixed 3.3V (RT6318B) and 5V (RT6318C) LDOs
Output Supply 100mA
 Pre-biased Soft-Start
 Cycle-by-Cycle Over-Current Protection
 Input Under-Voltage Lockout
 Thermal Shutdown Protection
 Output Over-/Under-Voltage Protection
 Ultrasonic Mode (USM)




Similar Part No. - RT6318C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH RICHTEK-RT6310A/AH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH/B/BH/C/CH RICHTEK-RT6310A/AH/B/BH/C/CH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH/B/BH/C/CH/D/DH RICHTEK-RT6310A/AH/B/BH/C/CH/D/DH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310AGQUF RICHTEK-RT6310AGQUF Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
More results


Similar Description - RT6318C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
logo
Richtek Technology Corp...
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
logo
Richtek Technology Corp...
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com