Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6310D/DH Datasheet (PDF) - Richtek Technology Corporation

RT6310D/DH Datasheet PDF - Richtek Technology Corporation
Part # RT6310D/DH
Download  RT6310D/DH Download
File Size   1342.13 Kbytes
Page   54 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6310D/DH Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6310D/DH Datasheet PDF - Richtek Technology Corporation

Part # RT6310D/DH
Download  RT6310D/DH Click to download

File Size   1342.13 Kbytes
Page   54 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6310D/DH Datasheet (HTML) - Richtek Technology Corporation


RT6310D/DH Product details

General Description
The RT6310 family are high efficiency synchronous step-down DC-DC converters with pseudo constant switching frequency 500kHz and deliver up to 10A output current. The RT6310A/B/D and RT6310AH/BH/DH operate from 4.5V to 23V input voltage. The output voltage of RT6310A/AH/D/DH is programmable between 0.6V to 5.5V and RT6310B/BH is fixed to 3.3V output voltage. The input voltage of RT6310C/CH ranges from 5.2V to 23V and the output voltage of RT6310C/CH is fixed to 5.1V.
The RT6310 adopts Advanced Constant On-Time (ACOT®) control architecture that provides ultra-fast transient response and further reduces the external component count. In steady states, the ACOT® operates at nearly constant switching frequency over line, load and output voltage ranges and makes the EMI filter design easier.
By setting the voltage of the EN/MODE pin, RT6310 operates either in diode emulation mode (DEM) or ultrasonic mode (USM) at light load. The USM maintains operation frequency above 25kHz, which eliminates the acoustic noise. In the DEM, RT6310 provides the best light-load efficiency and improves the acoustic noise with spread spectrum function.
RT6310 provides PGOOD indicator for easy system sequence control. Full protection features are also integrated in the device, including the cycle-by-cycle current limit, OVP, UVP, input UVLO and OTP.
All above functions are integrated in a UQFN-23L 3x3 (FC) package.

⚫ 10A Continuous Output Current
⚫ Stable with POSCAP and MLCC Capacitor
⚫ Fast Transient Response
⚫ Diode Emulation Mode (DEM) for Power Saving
⚫ Ultrasonic Mode (USM) for Avoiding Acoustic Noise
⚫ Pseudo Constant Switching Frequency 500kHz in CCM
⚫ Internal Power MOSFET Switch 17m (high-side) and 7.5m (low-side)
⚫ LDO
 RT6310B/BH : 3.3V/100mA
 RT6310C/CH : 5V/100mA
⚫ Over-Current Limit
 RT6310A/AH : Adjustable (13A, 15A or 17A)
 RT6310D/DH : Adjustable (6.5A, 16A or 25.8A)
 RT6310B/BH/C/CH : 15A
⚫ Output Under-/Over-Voltage Protection (UVP/OVP)
 RT6310A/B/C/D : Latched Mode UVP/OVP
 RT6310AH/BH/CH/DH : Hiccup Mode UVP and Non-Latched Mode OVP
⚫ Input Under-Voltage-Lockout (UVLO)
⚫ Over-Temperature Protection (OTP)
 RT6310A/B/C/D : Latched Mode OTP
 RT6310AH/BH/CH/DH : Non-Latched Mode OTP

Applications
⚫ Laptop Computers
⚫ Tablet PCs
⚫ Networking Systems
⚫ Servers
⚫ Personal Video Recorders
⚫ Flat Panel Television and Monitors
⚫ Distributed Power Systems




Similar Part No. - RT6310D/DH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316BGQUF RICHTEK-RT6316BGQUF Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316C RICHTEK-RT6316C Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6316CGQUF RICHTEK-RT6316CGQUF Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
More results


Similar Description - RT6310D/DH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com