Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6542A Datasheet (PDF) - Richtek Technology Corporation

RT6542A Datasheet PDF - Richtek Technology Corporation
Part # RT6542A
Download  RT6542A Download
File Size   267.32 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT6542A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6542A Datasheet PDF - Richtek Technology Corporation

Part # RT6542A
Download  RT6542A Click to download

File Size   267.32 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT6542A Datasheet (HTML) - Richtek Technology Corporation


RT6542A Product details

General Description
The RT6542A PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
needed for stepping down high voltage batteries to
generate low voltage CPU core, I/O, and chipset RAM
supplies in notebook computers.
The RT6542A supports on chip voltage programming
function between 0.85V and 1.05V by controlling GX digital
inputs.
The constant-on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while maintaining
a relatively constant switching frequency.
The RT6542A achieves high efficiency at a reduced cost
by eliminating the current-sense resistor found in
traditional current-mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs and enter diode emulation mode at
light load condition. The buck conversion allows this device
to directly step down high voltage batteries at the highest
possible efficiency. The RT6542A is intended for CPU core,
chipset, DRAM, or other low voltage supplies as low as
0.7V.
The RT6542A is available in a WDFN-14L 3x2 package.

Features
 Intel Cannon VR Support
 Built-in 1% Reference Voltage
 2-Bit Programmable Output Voltage with Integrated
Transition Support
 Support Intel LPM (Low-Power Mode) Feature
 4700ppm/°C Programmable Current Limit by Low-
Side RDS(ON) Sensing
 3V to 26V Battery Input Range
 Internal Voltage Ramp Soft-Start Control
 Drives Large Synchronous Rectifier FETs
 Integrated Boost Switch
 Over/Under-Voltage Protection
 Thermal Shutdown
 Power Good Indicator
 RoHS Compliant and Halogen Free
 Tiny 14-Lead WDFN Package

Applications
 Notebook Computers
 CPU/GPU Core Supply
 Chipset/RAM Supply
 Generic DC-DC Power Regulator




Similar Part No. - RT6542A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6543A RICHTEK-RT6543A Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
RT6543AGQW RICHTEK-RT6543AGQW Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
RT6543B RICHTEK-RT6543B Datasheet
338Kb / 21P
High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL
March 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6545AGQW RICHTEK-RT6545AGQW Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
More results


Similar Description - RT6542A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com