Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6543B Datasheet (PDF) - Richtek Technology Corporation

RT6543B Datasheet PDF - Richtek Technology Corporation
Part # RT6543B
Download  RT6543B Download
File Size   338.35 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL

RT6543B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6543B Datasheet PDF - Richtek Technology Corporation

Part # RT6543B
Download  RT6543B Click to download

File Size   338.35 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller for INTEL VCCIN AUX ICL and TGL

RT6543B Datasheet (HTML) - Richtek Technology Corporation


RT6543B Product details

General Description
The RT6543A/B PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
for stepping down high voltage batteries to generate low
voltage CPU core, I/O, and chipset RAM.
The RT6543A/B supports on chip voltage programming
function between 0V and 1.8V by controlling VID1/VID0
inputs.
Compared with conventional current-mode PWMs, the
RT6543A/B achieves high efficiency without any current
sensing resistors. Furthermore, the RT6543A/B has ability
to drive synchronous rectifier MOSFETs and enters diode
emulation mode at light load condition that also save lots
of power consumption. Besides, the RT6543A/B equips
with UVLO, OVP, UVP, OTP and current limit protection.
All above functions are integrated in a WQFN-20L-3x3
package.

Features
A High Efficiency Step-Down DC-DC Controller
Built-in 1% Reference Voltage
2-Bit Programmable Output Voltage with Integrated
Adjustable Switching Frequency
Input Voltage Range : 3V to 24V
Internal Soft-Start to Reduce Inrush Current
Capability of Driving Large Synchronous Rectifier
MOSFETs
Power Good Indicator
Cycle-by-Cycle Current Limit
Over-/Under-Voltage Protection
Thermal Shutdown
RT6543A : Slew Down Mode as VID Change
RT6543B : Decay Down Mode as VID Change




Similar Part No. - RT6543B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT6542AGQW RICHTEK-RT6542AGQW Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6545AGQW RICHTEK-RT6545AGQW Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6545BGQW RICHTEK-RT6545BGQW Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
More results


Similar Description - RT6543B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com