Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7298AHGQW Datasheet (PDF) - Richtek Technology Corporation

RT7298AHGQW Datasheet PDF - Richtek Technology Corporation
Part # RT7298AHGQW
Download  RT7298AHGQW Download
File Size   323.75 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, Synchronous Step-Down Converter

RT7298AHGQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7298AHGQW Datasheet PDF - Richtek Technology Corporation

Part # RT7298AHGQW
Download  RT7298AHGQW Click to download

File Size   323.75 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, Synchronous Step-Down Converter

RT7298AHGQW Datasheet (HTML) - Richtek Technology Corporation


RT7298AHGQW Product details

General Description
The RT7298A is a high efficiency, monolithic synchronous
step-down DC-DC converter that can deliver up to 6A output
current from a 4.5V to 18V input supply. The RT7298A
current-mode architecture with external compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors. Cycle-by-cycle
current limit provides protection against shorted outputs
and soft-start eliminates input current surge during startup.
Fault condition protections include output under-voltage
protection, output over-voltage protection, and overtemperature
protection. The low current shutdown mode
provides output disconnection, enabling easy power
management in battery-powered systems.

Applications
 High Performance Point of Load Regulation
 Notebook Computers
 High Density and Distributed Power Systems

Features
 Low RDS(ON) Power MOSFET Switches 26mΩ/19mΩ
 Input Voltage Range : 4.5V to 18V
 Adjustable Switching Frequency : 200kHz to 1.6MHz
 Current-Mode Control
 Synchronous to External Clock : 200kHz to 1.6MHz
 Accurate Voltage Reference 0.6V ± 1%
 Monotonic Start-Up into Pre-biased Outputs
 Adjustable Soft-Start
 Power Good Indicator
 Selectable Hiccup Mode and Latch-Off Mode
Under-Voltage Protection
 Over-Temperature and Over-Voltage Protection
 Input Under-Voltage Lockout
 RoHS Compliant and Halogen Free




Similar Part No. - RT7298AHGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7298BHGQW RICHTEK-RT7298BHGQW Datasheet
1Mb / 10P
Evaluation Board
RT7298BLGQW RICHTEK-RT7298BLGQW Datasheet
1Mb / 10P
Evaluation Board
More results


Similar Description - RT7298AHGQW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com