Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8549L Datasheet (PDF) - Richtek Technology Corporation

RT8549L Datasheet PDF - Richtek Technology Corporation
Part # RT8549L
Download  RT8549L Download
File Size   406.69 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver

RT8549L Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8549L Datasheet PDF - Richtek Technology Corporation

Part # RT8549L
Download  RT8549L Click to download

File Size   406.69 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver

RT8549L Datasheet (HTML) - Richtek Technology Corporation


RT8549L Product details

General Description
The RT8549L is a high efficiency Boost converter with
4-CH LED driver supporting 60V maximum output voltage.
It is designed for LCD panel applications that employs
LED as lighting sources. The Boost converter generates
a suitable output voltage to drive four LED strings in parallel
and supports up to 18 LEDs per string.
The RT8549L supports a wide input voltage range from
4.2V to 24V and provides a SMBus interface to control
the LED brightness dimming mode, operating frequency
and LED currents. The internal 150mΩ, 60V power switch
with current-mode control provides high efficiency
operation.
The RT8549L is available in the WDFN-16L 5x5 package
to achieve optimized solution for PCB space.

Applications
 UMPC and Notebook Computer Backlight

Features
 Wide Operating Input Voltage : 4.2V to 24V
 Max 60V Output Voltage
 3% LED Current Accuracy
 2% LED Current Matching
 Low Drop Output 120mA/0.4V Current Sink
 SMBus Programs LED Current, Switching
Frequency, Dimming Mode
 LED Current : 22.58mA to 180mA
 Switching Frequency : 200kHz to 900kHz
 Dimming Mode : PWM, DC, Mixed-Mode
 Built-in Input UVP, Output OVP, OCP, and Soft-Start
 Support LED Hot-plug, Open/Short Detection
 Low EMI, Low Acoustic Noise
 16-Load WDFN Package
 RoHS Compliant and Halogen Free




Similar Part No. - RT8549L

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results


Similar Description - RT8549L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
logo
Anpec Electronics Corop...
APW8739 ANPEC-APW8739 Datasheet
422Kb / 28P
4-Channel LED Backlight Converter with SMBus Controlled
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Rohm
BD83A04EFV-M ROHM-BD83A04EFV-M Datasheet
1Mb / 49P
4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
17.Feb.2022 Rev.005
BD83A04EFV-M ROHM-BD83A04EFV-M_V01 Datasheet
1Mb / 49P
4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
logo
Richtek Technology Corp...
RT4539A RICHTEK-RT4539A Datasheet
1Mb / 39P
39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com