Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539A Datasheet (PDF) - Richtek Technology Corporation

RT4539A Datasheet PDF - Richtek Technology Corporation
Part # RT4539A
Download  RT4539A Download
File Size   1125.91 Kbytes
Page   39 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver

RT4539A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT4539A Datasheet PDF - Richtek Technology Corporation

Part # RT4539A
Download  RT4539A Click to download

File Size   1125.91 Kbytes
Page   39 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver

RT4539A Datasheet (HTML) - Richtek Technology Corporation


RT4539A Product details

General Description
The RT4539A is a high efficiency driver for white LEDs. It is suitable for single/two cell battery input to drive LED light bars which contains six strings in parallel. The internal current sinks support a maximum of ±2% current mismatching for excellent brightness uniformity in each string of LEDs. To provide enough headroom for current sink operation, the Boost converter monitors the minimum voltage of the feedback pins and regulates an optimized output voltage for power efficiency.
The RT4539A has a wide input voltage operating range from 2.7V to 24V and contains I2C interface for controlling the dimming mode, operating frequency and the LED current. The internal 250mΩ, 39V power switch with current-mode control provides over-current protection. The switching frequency of the RT4539A is adjustable from 300kHz to 1.6MHz, which allows flexibility between efficiency and component size.
The RT4539A are available in the WL-CSP-20B 1.71x2.371 (BSC) and WQFN-24L 4x4 packages.

Applications
 Tablet and Notebook Backlight

Features
 Wide Operating Input Voltage: 2.7V to 24V
 High Output Voltage: Up to 39V
 Programmable Channel Current: 10.04mA to 35mA
 Channel Current Regulation with Accuracy ±3% and Matching ±2%
 Dimming Controls
 Direct PWM Dimming up to 20kHz and Minimum On-Time to 400ns
 PWM to Analog Dimming up to 20kHz with 9-bit Resolution
 PWM Pin and/or I2C-Controlled with Programmable Linear@12 bits or Exponential@11 bits Brightness Control
 Digitally Advanced Sloping for Smooth Dimming
 Adjustable Dimming Mode Control.
 Adjustable Advanced Brightness Control.
 Adjustable Switching Frequency of Boost Converter from 300kHz to 1.6MHz.
 PFM function for High Efficiency at Light Load
 Programmable Spread Spectrum Scheme and Edge Rate Control Minimize Switching Noise and Improve EMI Performance
 Protections
 LED Strings Open Detection
 LED Strings Short Protection
 Programmable Current Limit of Boost.
 Programmable Over-Voltage Protection Level
 Over-Temperature Protection
 Integrated Memory by MTP
 20-Ball WL-CSP, with pitch 0.4mm and 24-Lead WQFN Packages




Similar Part No. - RT4539A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Similar Description - RT4539A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT8549L RICHTEK-RT8549L Datasheet
406Kb / 24P
24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com