Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9278 Datasheet (PDF) - Richtek Technology Corporation

RT9278 Datasheet PDF - Richtek Technology Corporation
Part # RT9278
Download  RT9278 Download
File Size   205.53 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Boost LDO Converter & High Power White LED Driver

RT9278 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9278 Datasheet PDF - Richtek Technology Corporation

Part # RT9278
Download  RT9278 Click to download

File Size   205.53 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Boost LDO Converter & High Power White LED Driver

RT9278 Datasheet (HTML) - Richtek Technology Corporation


RT9278 Product details

General Description
The RT9278 is a compact, high efficiency, synchronous step-up converter, it provides a power supply solution for products powered by either two-cell, three-cell Alkaline/NiMH or one-cell Li-Ion/Li-polymer battery.

Features
• 95%Efficiency Synchronous Boost Converter
• High Supply Capability
• 2A Current Limit
• Input Voltage Range : 1.5V to 5.5V
• 600kHz Fixed Switching Rate
• Adjustable Output Voltage Options Up to 5.5V
• Output Voltage Keep Regulated when Input Voltage Exceed Setting Output Voltage
• 1mA Supply Current in Shutdown Mode
• External Compensation Network
• Build in Linear Controller for Linear Regulator
• Over Temperature Protection
• Small 10-Lead VDFN Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Digital Still Camera
• Camera White LED Flash Light
• PDAs
• PortableDevice




Similar Part No. - RT9278

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
More results


Similar Description - RT9278

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
High Efficiency, High Power White-LED Driver
logo
National Semiconductor ...
LM3509 NSC-LM3509_08 Datasheet
1Mb / 24P
High Efficiency Boost for White LED
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Texas Instruments
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
High-Power White LED Driver 2-mHz Synchronous Boost Converter
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Shenzhen Huazhimei Semi...
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
1.2MHz, High Efficiency Boost White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com