Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9270 Datasheet (PDF) - Richtek Technology Corporation

RT9270 Datasheet PDF - Richtek Technology Corporation
Part # RT9270
Download  RT9270 Download
File Size   290.05 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Performance, Low Noise Boost Converter

RT9270 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9270 Datasheet PDF - Richtek Technology Corporation

Part # RT9270
Download  RT9270 Click to download

File Size   290.05 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Performance, Low Noise Boost Converter

RT9270 Datasheet (HTML) - Richtek Technology Corporation


RT9270 Product details

General Description
The RT9270 is a high performance, low noise, fixed frequency step up DC-DC Converter. The RT9270 converters input voltage ranging 2.3V to 5.5V into output voltage up to 14V. Current mode control with external compensation network makes it easy to stabilize the system and keep maximum flexibility. Programmable soft start function minimizes impact on the input power system.

Features
• 90% Efficiency
• VIN Operating Range: 2.3V to 5.5V
• 1.9A, 0.25Ω, 16V Internal Power MOSFET
• 670kHz and 1.3MHz Operation Frequency
• External Compensation Network
• Programmable Soft Start Function
• Small MSOP8 Package
• Short Circuit Protection , Thermal Shutdown, OVP are included
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• TFT LCD panel
• OLED Display
• PCMCIA Cards
• Portable Device




Similar Part No. - RT9270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271GE RICHTEK-RT9271GE Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271PB RICHTEK-RT9271PB Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271PE RICHTEK-RT9271PE Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
More results


Similar Description - RT9270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9277A RICHTEK-RT9277A Datasheet
218Kb / 12P
High Performance, Low Noise Boost Converter
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Lowpower Semiconductor ...
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
1.0MHz,24V/2.0A High Performance, Boost Converter
logo
Fitipower Integrated Te...
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
Low-Noise Boost DC-DC Converter
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
logo
Lowpower Semiconductor ...
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
1MHz,36V/1.5A High Performance, Boost Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com