Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9271 Datasheet (PDF) - Richtek Technology Corporation

RT9271 Datasheet PDF - Richtek Technology Corporation
Part # RT9271
Download  RT9271 Download
File Size   339.33 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description White LED Step-Up Converter in Tiny Package

RT9271 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9271 Datasheet PDF - Richtek Technology Corporation

Part # RT9271
Download  RT9271 Click to download

File Size   339.33 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description White LED Step-Up Converter in Tiny Package

RT9271 Datasheet (HTML) - Richtek Technology Corporation


RT9271 Product details

General Description

The RT9271 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The device can drive one to three LEDs in series from a Li-Ion cell. Series connection of the LEDs providesidentical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The RT9271 switches at 1.1 MHz, allowing the use of tiny external components. The input and output capacitor can be as small as 1uF, saving space and cost versus alternative solutions. A low 0.25V feedback voltage minimizes power loss in the current

setting resistor for better efficiency.



Features

Inherently Matched LED Current

Up to 80mA Output Current @ VOUT< 12V

High Efficiency : 85% Typical

Drives Up to Three LEDs from 2.8V Supply

20V Internal Switch

Fast 1.1 MHz Switching Frequency

Uses Tiny 1 mm Height Inductors

Requires Only 1uF Output Capacitor

Low Profile SOT-23-6 Package

Optional 15V Over Voltage Protection

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Mobile Phone

Digital Still Camera

PDAs, Handheld Computers

MP3 Players

GPS Receivers




Similar Part No. - RT9271

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9272 RICHTEK-RT9272 Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
RT9272GQV RICHTEK-RT9272GQV Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
More results


Similar Description - RT9271

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
White LED Boost Converter In Tiny Package
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Fitipower Integrated Te...
FP6733 FITIPOWER-FP6733 Datasheet
704Kb / 11P
PWM Controlled, Step-up DC/DC Converter in Tiny Package
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
Built-In OVP White LED Step-Up Converter in Tiny Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com