Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9018C Datasheet (PDF) - Richtek Technology Corporation

RT9018C Datasheet PDF - Richtek Technology Corporation
Part # RT9018C
Download  RT9018C Download
File Size   208.72 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Maximum 3A, Ultra Low Dropout Regulator

RT9018C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9018C Datasheet PDF - Richtek Technology Corporation

Part # RT9018C
Download  RT9018C Click to download

File Size   208.72 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Maximum 3A, Ultra Low Dropout Regulator

RT9018C Datasheet (HTML) - Richtek Technology Corporation


RT9018C Product details

General Description
The RT9018C is a high performance positive voltage
regulator designed for use in applications requiring very
low input voltage and very low dropout voltage at up to 3A
(Peak). It operates with a VIN as low as 1.4V and VDD
voltage 3V with output voltage programmable as low as
0.8V. A significant feature includes ultra low dropout, which
is ideal for applications where VOUT is very close to VIN.
Additionally, there is an enable pin to further reduce power
dissipation while shutdown. The RT9018C provides
excellent regulation over variations in line, load and
temperature. It also provides a power good signal to
indicate whether the voltage level of VOUT has reached
90% of its rating value.
The RT9018C is available in SOP-8 (Exposed Pad) and
WDFN-10L 3x3 packages with 1V, 1.05V, 1.2V, 1.5V, 1.8V
and 2.5V internally preset outputs that are also adjustable
using external resistors.

Features
 Maximum 3A Low Dropout Voltage Regulator
 High Accuracy Output Voltage ±1.5%
 Typically 210mV Dropout at 3A
 Power Good Output
 Output Voltage Pull Low Resistance when Disable
 Thermal and Over Current Protection
 RoHS Compliant and Halogen Free

Applications
 Front Side Bus VTT (1.2V/3A)
 NoteBook PC Applications
 Motherboard Applications




Similar Part No. - RT9018C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018A RICHTEK-RT9018A Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-10GQW RICHTEK-RT9018A-10GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-12GQW RICHTEK-RT9018A-12GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-12PQW RICHTEK-RT9018A-12PQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-15GQW RICHTEK-RT9018A-15GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
More results


Similar Description - RT9018C

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
3A ULTRA LOW-DROPOUT REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9018A RICHTEK-RT9018A Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
Maximum 3A low-dropout voltage regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com