Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9018A Datasheet (PDF) - Richtek Technology Corporation

RT9018A Datasheet PDF - Richtek Technology Corporation
Part # RT9018A
Download  RT9018A Download
File Size   142.74 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Maximum 3A, Ultra Low Dropout Regulator

RT9018A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9018A Datasheet PDF - Richtek Technology Corporation

Part # RT9018A
Download  RT9018A Click to download

File Size   142.74 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Maximum 3A, Ultra Low Dropout Regulator

RT9018A Datasheet (HTML) - Richtek Technology Corporation


RT9018A Product details

General Description
The RT9018A/B is a high performance positive voltage regulator designed for use in applications requiring very low Input voltage and very low dropout voltage at up to 3A(Peak). It operates with a VIN as low as 1.0V and VDD voltage 3V with output voltage programmable as low as 0.8V. The significant feature includes ultra low dropout, ideal for applications where VOUT is very close to VIN. Additionally, there is an enable pin to further reduce power dissipation while shutdown. The RT9018A/B provides excellent regulation over variations in line, load and temperature. and provides a power OK signal to indicate if the voltage level of Vo reaches 90% of its rating value.

Features
• Maximum 3A Low-Dropout Voltage Regulator
• High Accuracy Output Voltage ±1.5%
• Typically 220mV Dropout at 3A
• Power Good Output
• Output Voltage Pull Low Resistance when Disable
• Thermal and Over Current Protection
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Front Side Bus VTT (1.2V/3A)
• NoteBook PC Applications
• Motherboard Applications




Similar Part No. - RT9018A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGQW RICHTEK-RT9018C-XXGQW Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGSP RICHTEK-RT9018C-XXGSP Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZQW RICHTEK-RT9018C-XXZQW Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZSP RICHTEK-RT9018C-XXZSP Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results


Similar Description - RT9018A

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
3A ULTRA LOW-DROPOUT REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
Maximum 3A low-dropout voltage regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com