Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9048 Datasheet (PDF) - Richtek Technology Corporation

RT9048 Datasheet PDF - Richtek Technology Corporation
Part # RT9048
Download  RT9048 Download
File Size   240.95 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable

RT9048 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9048 Datasheet PDF - Richtek Technology Corporation

Part # RT9048
Download  RT9048 Click to download

File Size   240.95 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable

RT9048 Datasheet (HTML) - Richtek Technology Corporation


RT9048 Product details

General Description
The RT9048 is a high performance positive voltage regulator
designed for use in applications requiring ultra low input
voltage and ultra-low dropout voltage at up to 2A. The
feature of ultra-low dropout voltage is ideal for the
application where output voltage is very close to input
voltage. The input voltage can be as low as 1.4V and the
output voltage is adjustable by an external resistive divider
as low as 0.5V. The RT9048 provides an excellent output
voltage regulation over variations in line, load and
temperature. Over-current and over-temperature protection
functions are provided. Additionally, an enable pin is
designed to further reduce power consumption while
shutdown and the shutdown current is as low as 1.5μA.
The RT9048 is available in the SOP-8 (Exposed Pad)
package.

Features
 Input Voltage as Low as 1.4V
 Ultra-Low Dropout Voltage 400mV @ 2A
 Over-Current Protection
 Over-Temperature Protection
 1.5μA Input Current in Shutdown Mode
 Enable Control
 RoHS Compliant and Halogen Free

Applications
 Telecom/Networking Cards
 Motherboards/Peripheral Cards
 Industrial Applications
 Wireless Infrastructure
 Set-Top Box
 Medical Equipment
 Notebook Computers
 Battery Powered Systems




Similar Part No. - RT9048

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
Adjustable Output Voltage, Enable/Shutdown Control
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
RT9045GSP RICHTEK-RT9045GSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9045ZSP RICHTEK-RT9045ZSP Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
More results


Similar Description - RT9048

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Global Mixed-mode Techn...
G9185 GMT-G9185 Datasheet
37Kb / 1P
2A Low Input /Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com