Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9045GSP Datasheet (PDF) - Richtek Technology Corporation

RT9045GSP Datasheet PDF - Richtek Technology Corporation
Part # RT9045GSP
Download  RT9045GSP Download
File Size   180.47 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 1.8A Sink/Source Bus Termination Regulator

RT9045GSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9045GSP Datasheet PDF - Richtek Technology Corporation

Part # RT9045GSP
Download  RT9045GSP Click to download

File Size   180.47 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 1.8A Sink/Source Bus Termination Regulator

RT9045GSP Datasheet (HTML) - Richtek Technology Corporation


RT9045GSP Product details

General Description

The RT9045 is a simple, cost-effective and high-speed linear regulator designed to generate termination voltage in Double Data Rate (DDR) memory system to comply with the devices requirements. The regulator is capable of actively sinking or sourcing up to 1.8A while regulating an output voltage to within 20mV. The output termination voltage can be tightly regulated to track VDDQ/ 2 by two external voltage divider resistors or the desired output voltage can be programmed by externally forcing the REFEN pin voltage.



Features

Ideal for DDR VTT Applications

Sink and Source Current :

  DDRII 1.8A Sink/Source @ VIN = 1.8V

  DDRIII 1.5A Sink/Source @ VIN  = 1.5V

  LPDDRIII 1.2A Sink/Source @ VIN  = 1.35V

`DDRIV 1.2A Sink/Source @ VIN  = 1.2V

Integrated Power MOSFETs

Generate Termination Voltage for DDR Memory Interfaces

Stable with Output Ceramic Capacitor

High Accuracy Output Voltage at Full-Load

Output Adjustment by Two External Resistors

Low External Component Count

Shutdown for Suspend to RAM (STR) Functionality with High Impedance Output

Current Limiting Protection

On-Chip Thermal Protection

RoHS Compliant



Applications

Desktop PCs, Notebooks, and Workstations

Graphics Card Memory Termination

Set Top Boxes, Digital TVs, Printers

Embedded Systems

Active Termination Buses

DDR Memory Systems




Similar Part No. - RT9045GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
More results


Similar Description - RT9045GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1270 A-POWER-AP1270 Datasheet
122Kb / 7P
3A SINK/SOURCE BUS TERMINATION REGULATOR
AP1210MP A-POWER-AP1210MP Datasheet
157Kb / 5P
2.5A SINK/SOURCE BUS TERMINATION REGULATOR
AP1270AMP A-POWER-AP1270AMP_16 Datasheet
359Kb / 7P
2.5A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
1.8A Sink/Source Bus Termination Regulator
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com