Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173C Datasheet (PDF) - Richtek Technology Corporation

RT9173C Datasheet PDF - Richtek Technology Corporation
Part # RT9173C
Download  RT9173C Download
File Size   225.03 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 2A Sink/Source Bus Termination Regulator

RT9173C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9173C Datasheet PDF - Richtek Technology Corporation

Part # RT9173C
Download  RT9173C Click to download

File Size   225.03 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 2A Sink/Source Bus Termination Regulator

RT9173C Datasheet (HTML) - Richtek Technology Corporation


RT9173C Product details

General Description

The RT9173C is a simple, cost-effective and high-speed linear regulator designed to generate termination voltage in double data rate (DDR) memory system to comply with the JEDEC SSTL_2 and SSTL_18 or other specific interfaces such as HSTL, SCSI-2 and SCSI-3 etc. devices requirements. The regulator is capable of actively sinking or sourcing up to 2A while regulating an output voltage to within 40mV. The output termination voltage cab be tightly regulated to track 1/2VDDQ by two external voltage divider resistors or the desired output voltage can be pro-grammed by externally forcing the REFEN pin voltage.



Features

• Ideal for DDR-I, DDR-II and DDR-III VTT Applications

• Sink and Source 2A Continuous Current

• Integrated Power MOSFETs

• Generates Termination Voltage for SSTL_2, SSTL _18, HSTL, SCSI-2 and SCSI-3 Interfaces

• High Accuracy Output Voltage at Full-Load

• Output Adjustment by Two External Resistors

• Low External Component Count

• Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output

• Current Limiting Protection

• On-Chip Thermal Protection

• Available in SOP-8 (Exposed Pad) Packages

• VIN and VCNTL No Power Sequence Issue

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Desktop PCs, Notebooks, and Workstations

• Graphics Card Memory Termination

• Set Top Boxes, Digital TVs, Printers

• Embedded Systems

• Active Termination Buses

• DDR-I, DDR-II and DDR-III Memory Systems



 




Similar Part No. - RT9173C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173CS RICHTEK-RT9173CS Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
More results


Similar Description - RT9173C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com