Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9199 Datasheet (PDF) - Richtek Technology Corporation

RT9199 Datasheet PDF - Richtek Technology Corporation
Part # RT9199
Download  RT9199 Download
File Size   204.29 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator

RT9199 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9199 Datasheet PDF - Richtek Technology Corporation

Part # RT9199
Download  RT9199 Click to download

File Size   204.29 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator

RT9199 Datasheet (HTML) - Richtek Technology Corporation


RT9199 Product details

General Description

The RT9199 is a simple, cost-effective and high-speed linear regulator designed to generate termination voltage in double data rate (DDR) memory system to comply with the devices requirements. The regulator is capable of actively sinking or sourcing up to 2A peak while regulating an output voltage to within 20mV. The output termination voltage can be tightly regulated to track 1/2VDDQ by two external voltage divider resistors or the desired output voltage can be pro-grammed by externally forcing the REFEN pin voltage.



Features

Ideal for DDR-II VTT Applications

Sink and Source 2A Peak Current

Integrated Power MOSFETs

Generate Termination Voltage for DDR Memory Interfaces

High Accuracy Output Voltage at Full-Load

Output Adjustment by Two External Resistors

Low External Component Count

Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output

Current Limiting Protection

On-Chip Thermal Protection

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Desktop PCs, Notebooks, and Workstations

Graphics Card Memory Termination

Set Top Boxes, Digital TVs, Printers

Embedded Systems

Active Termination Buses

DDR/II Memory Systems




Similar Part No. - RT9199

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GF RICHTEK-RT9193-15GF Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Similar Description - RT9199

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com