Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9173D Datasheet (PDF) - Richtek Technology Corporation

RT9173D Datasheet PDF - Richtek Technology Corporation
Part # RT9173D
Download  RT9173D Download
File Size   223.6 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator

RT9173D Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9173D Datasheet PDF - Richtek Technology Corporation

Part # RT9173D
Download  RT9173D Click to download

File Size   223.6 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator

RT9173D Datasheet (HTML) - Richtek Technology Corporation


RT9173D Product details

General Description

The RT9173D is a simple, cost-effective and high-speed linear regulator designed to generate termination voltage in double data rate (DDR) memory system to comply with the JEDEC SSTL_2 and SSTL_18 or other specific interfaces such as HSTL, SCSI-2 and SCSI-3 etc. devices requirements. The regulator is capable of actively sinking or sourcing continuous 2A or up to 3A transient peak current while regulating an output voltage to within 40mV. The output termination voltage cab be tightly regulated to track 1/2VDDQ by two external voltage divider resistors or the desired output voltage can be pro-grammed by externally forcing the REFEN pin voltage.



Features

Ideal for DDR-I, DDR-II and DDR-III VTT Applications

Sink and Source Current

  2A Continuous Current

  Peak 3A for DDRI and DDRII

  Peak 2.5A for DDRIII

Integrated Power MOSFETs

Generates Termination Voltage for SSTL_2, SSTL _18, HSTL, SCSI-2 and SCSI-3 Interfaces

High Accuracy Output Voltage at Full-Load

Output Adjustment by Two External Resistors

Low External Component Count

Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output

Current Limiting Protection

On-Chip Thermal Protection

Available in SOP-8 (Exposed Pad) Packages

VIN and VCNTL No Power Sequence Issue

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Desktop PCs, Notebooks, and Workstations

Graphics Card Memory Termination

Set Top Boxes, Digital TVs, Printers

Embedded Systems

Active Termination Buses

DDR-I, DDR-II and DDR-III Memory Systems




Similar Part No. - RT9173D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173DGSP RICHTEK-RT9173DGSP Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173DPSP RICHTEK-RT9173DPSP Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Similar Description - RT9173D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173_07 Datasheet
306Kb / 13P
Peak 3A Bus Termination Regulator
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1270 A-POWER-AP1270 Datasheet
122Kb / 7P
3A SINK/SOURCE BUS TERMINATION REGULATOR
AP1210MP A-POWER-AP1210MP Datasheet
157Kb / 5P
2.5A SINK/SOURCE BUS TERMINATION REGULATOR
AP1270AMP A-POWER-AP1270AMP_16 Datasheet
359Kb / 7P
2.5A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com