Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9079 Datasheet (PDF) - Richtek Technology Corporation

RT9079 Datasheet PDF - Richtek Technology Corporation
Part # RT9079
Download  RT9079 Download
File Size   177.39 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator

RT9079 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9079 Datasheet PDF - Richtek Technology Corporation

Part # RT9079
Download  RT9079 Click to download

File Size   177.39 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator

RT9079 Datasheet (HTML) - Richtek Technology Corporation


RT9079 Product details

General Description
The RT9079 is a low-dropout (LDO) voltage regulators with
enable function offering the benefits of high input voltage,
low-dropout voltage, low-power consumption, and
miniaturized packaging.
The features of low quiescent current and almost zero
disable current is ideal for powering the battery equipment
to a longer service life. The RT9079 is stable with the
ceramic output capacitor over its wide input range from
3.5V to 36V and the entire range of output load current.

Features
 50μA Ground Current at no Load
 Maximum Operating Input Voltage 36V
 ±2% Output Accuracy
 100mA Continuous Output Current
 Less than 0.1μA Disable Current
 Dropout Voltage : 0.2V at 10mA
 Support Fixed Output Voltage 2.5V, 3V, 3.3V, 5V,
6V, 9V, 12V
 Stable with Ceramic or Tantalum Capacitor
 Current Limit Protection
 Over-Temperature Protection
 RoHS Compliant and Halogen Free

Applications
 Portable, Battery Powered Equipments
 Extra Low Voltage Microcontrollers
 Notebook Computers




Similar Part No. - RT9079

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
Low Dropout Voltage
RT9072A RICHTEK-RT9072A Datasheet
676Kb / 13P
Low Dropout Voltage
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
The RT9073A is a low-dropout
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
The RT9074 family are high voltage
More results


Similar Description - RT9079

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Richtek Technology Corp...
RTQ2569-QA RICHTEK-RTQ2569-QA Datasheet
1Mb / 15P
Peak 200mA, Low Dropout Voltage Linear Rejulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com