Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9079 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9079 Datasheet HTML 1Page - Richtek Technology Corporation RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9079
2
DS9079-03 March 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Description
Functional Block Diagram
Pin No.
Pin Name
Pin Function
1
VCC
Supply voltage input.
2
GND
Ground.
3
NC
No internal connection.
4
EN
Enable control input.
5
VOUT
Output of the regulator.
VCC
GND
EN
VOUT
-
Current/Thermal
Sense
Bandgap
Reference
R1
R2
Operation
Basic Operation
The RT9079 is a high input voltage linear regulator designed
especially for low external component systems. The input
voltage range is from 3.5V to 36V.
The minimum required output capacitance for stable
operation is 1
μF effective capacitance after consideration
of the temperature and voltage coefficient of the capacitor.
Output Transistor
The RT9079 builds in a P-MOSFET output transistor which
provides a low switch-on resistance for low dropout voltage
applications.
Error Amplifier
The ErrorAmplifier compares the internal reference voltage
with the output feedback voltage from the internal divider,
and controls the Gate voltage of P-MOSFET to support
good line regulation and load regulation at output voltage.
Enable
The RT9079 delivers the output power when it is set to
enable state. When it works in disable state, there is no
output power and the operation quiescent current is almost
zero.
Current Limit Protection
The RT9079 provides current limit function to prevent the
device from damages during over-load or shorted-circuit
conditions. This current is detected by an internal sensing
transistor.
Over-Temperature Protection
The over-temperature protection function turns off the P-
MOSFET when the junction temperature exceeds 150°C
(typ.) and the output current exceeds 4mA. Once the
junction temperature cools down by approximately 20°C,
the regulator automatically resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com