Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9094A Datasheet (PDF) - Richtek Technology Corporation

RT9094A Datasheet PDF - Richtek Technology Corporation
Part # RT9094A
Download  RT9094A Download
File Size   248.31 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start

RT9094A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9094A Datasheet PDF - Richtek Technology Corporation

Part # RT9094A
Download  RT9094A Click to download

File Size   248.31 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start

RT9094A Datasheet (HTML) - Richtek Technology Corporation


RT9094A Product details

General Description
The RT9094A is a very low dropout linear regulator which
operates from input voltage as low as 0.8V. The device
capable of supplying 2A of output current with a typical
dropout voltage of only 100mV. A VBIAS supply is required
to run the internal reference and LDO circuitry while output
current comes directly from the VIN supply for high
efficiency regulation. User-programmable soft-start limits
the input inrush current and minimizes stress on the input
power. The enable input and power good output allow easy
sequencing with external regulators. This complete
flexibility provides an easy-to-use robust power
management solution for a wide variety of applications.
The RT9094A is stable with output capacitor greater than
or equal to 2.2μF. A precise reference and error amplifier
deliver 2% accuracy over load, line and temperature. Overcurrent
limit and over-temperature protection are also
included. The RT9094A is available in the WDFN-10L 3x3
package.

Applications
 PCs, Servers, Modems, and Set-Top-Boxes
 FPGA Applications
 DSP Core and I/O Voltages
 Instrumentation
 Post-Regulation Applications
 Applications With Sequencing Requirements

Features
 Ultralow VIN Range : 0.8V to 5.5V
 VBIAS Voltage Range : 2.7V to 5.5V
 VOUT Voltage Range : 0.8V to 3.6V
 Low Dropout : 100mV Typ. at 2A, VBIAS = 5V
 2% Accuracy Over Line/Load/ Temperature
 PGOOD Indicator for Easy Sequence Control
 Programmable Soft-Start Provides Linear Voltage
Startup
 Stable with Any Output Capacitor ≥ 2.2μF
 Over-Current and Over-Temperature Protection




Similar Part No. - RT9094A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
More results


Similar Description - RT9094A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
Texas Instruments
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
Ultra-Low Dropout Voltage LDO Regulators
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com