Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9001 Datasheet (PDF) - Richtek Technology Corporation

RT9001 Datasheet PDF - Richtek Technology Corporation
Part # RT9001
Download  RT9001 Download
File Size   158.53 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 600mA, Ultra-Fast Transient Response LDO Regulator

RT9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9001 Datasheet PDF - Richtek Technology Corporation

Part # RT9001
Download  RT9001 Click to download

File Size   158.53 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 600mA, Ultra-Fast Transient Response LDO Regulator

RT9001 Datasheet (HTML) - Richtek Technology Corporation


RT9001 Product details

General Description
The RT9001 series are CMOS low dropout regulators optimized for ultra-fast transient response. The devices are capable of supplying 600mA of output current with a dropout voltage of 580mV respectively.

Features
• Low Quiescent Current (Typically 220μA)
• Guaranteed 600mA Output Current
• Low Dropout Voltage : 580mV at 600mA
• Wide Operating Voltage Ranges : 3V to 5.5V
• Ultra-Fast Transient Response
• Tight Load and Line Regulation
• Current Limiting Protection
• Thermal Shutdown Protection
• Only low-ESR Ceramic Capacitor Required for Stability
• Custom Voltage Available
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CD/DVD-ROM, CD/RW
• Wireless LAN Card/Keyboard/Mouse
• Battery-Powered Equipment
• XDSL Router
• PCMCIA Card




Similar Part No. - RT9001

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
RT9002A-GS RICHTEK-RT9002A-GS Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
RT9002A-PS RICHTEK-RT9002A-PS Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
RT9002A RICHTEK-RT9002A_11 Datasheet
207Kb / 11P
Dual Low Dropout Regulator with Detector
RT9002B RICHTEK-RT9002B Datasheet
207Kb / 11P
Dual Low Dropout Regulator with Detector
More results


Similar Description - RT9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com