Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9166B Datasheet (PDF) - Richtek Technology Corporation

RT9166B Datasheet PDF - Richtek Technology Corporation
Part # RT9166B
Download  RT9166B Download
File Size   181.32 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 600mA, Ultra-Fast Transient Response Linear Regulator

RT9166B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9166B Datasheet PDF - Richtek Technology Corporation

Part # RT9166B
Download  RT9166B Click to download

File Size   181.32 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 600mA, Ultra-Fast Transient Response Linear Regulator

RT9166B Datasheet (HTML) - Richtek Technology Corporation


RT9166B Product details

General Description
The RT9166B is a CMOS linear regulator optimized for ultra-fast transient response. The device is capable of supplying up to 600mA of output current and is optimized for CD/DVD-ROM, CD/RW or wireless communication applications. The RT9166B regulator is stable with output capacitor as low as 3.3μF. The other features include high output accuracy, current limiting protection, and high ripple rejection ratio. The RT9166B regulator is available in a 3-lead SOT-89 package.

Features
• Low Quiescent Current (Typically 220μA)
• Guaranteed 600mA Output Current
• Wide Operating Voltage Ranges : 2.8V to 5.5V
• Ultra-Fast Transient Response
• Tight Load and Line Regulation
• Current Limiting Protection
• Thermal Shutdown Protection
• Only Low-ESR Ceramic Capacitor Required for Stability
• Custom Voltage Available
• RoHS Compliant and Halogen Free

Applications
• CD/DVD-ROM, CD/RW
• Wireless LAN Card/Keyboard/Mouse
• Battery-Powered Equipment
• XDSL Router
• PCMCIA Card




Similar Part No. - RT9166B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166-12C ETC1-RT9166-12C Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166-12GG RICHTEK-RT9166-12GG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
More results


Similar Description - RT9166B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com