Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9166B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9166B
Description  600mA, Ultra-Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9166B Datasheet HTML 1Page - Richtek Technology Corporation RT9166B Datasheet HTML 2Page - Richtek Technology Corporation RT9166B Datasheet HTML 3Page - Richtek Technology Corporation RT9166B Datasheet HTML 4Page - Richtek Technology Corporation RT9166B Datasheet HTML 5Page - Richtek Technology Corporation RT9166B Datasheet HTML 6Page - Richtek Technology Corporation RT9166B Datasheet HTML 7Page - Richtek Technology Corporation RT9166B Datasheet HTML 8Page - Richtek Technology Corporation RT9166B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DS9166B-01 April 2011
www.richtek.com
RT9166B
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOT-89
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
600mA, Ultra-Fast Transient Response Linear Regulator
General Description
The RT9166B is a CMOS linear regulator optimized for
ultra-fast transient response. The device is capable of
supplying up to 600mA of output current and is optimized
for CD/DVD-ROM, CD/RW or wireless communication
applications. The RT9166B regulator is stable with output
capacitor as low as 3.3
μF. The other features include high
output accuracy, current limiting protection, and high ripple
rejection ratio. The RT9166B regulator is available in a
3-lead SOT-89 package.
Features
Low Quiescent Current (Typically 220
μμμμμA)
Guaranteed 600mA Output Current
Wide Operating Voltage Ranges : 2.8V to 5.5V
Ultra-Fast Transient Response
Tight Load and Line Regulation
Current Limiting Protection
Thermal Shutdown Protection
Only Low-ESR Ceramic Capacitor Required for
Stability
Custom Voltage Available
RoHS Compliant and Halogen Free
Applications
CD/DVD-ROM, CD/RW
Wireless LAN Card/Keyboard/Mouse
Battery-Powered Equipment
XDSL Router
PCMCIA Card
GND VOUT
(TAB)
VIN
23
1
Typical Application Circuit
VIN
GND
VOUT
RT9166B
COUT
3.3µF
CIN
1µF
VIN
VOUT
RT9166B -
Package Type
X : SOT-89
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
12 : 1.2V


Similar Part No. - RT9166B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166-12C ETC1-RT9166-12C Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166-12GG RICHTEK-RT9166-12GG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com