Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9166B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9166B
Description  600mA, Ultra-Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9166B Datasheet HTML 1Page - Richtek Technology Corporation RT9166B Datasheet HTML 2Page - Richtek Technology Corporation RT9166B Datasheet HTML 3Page - Richtek Technology Corporation RT9166B Datasheet HTML 4Page - Richtek Technology Corporation RT9166B Datasheet HTML 5Page - Richtek Technology Corporation RT9166B Datasheet HTML 6Page - Richtek Technology Corporation RT9166B Datasheet HTML 7Page - Richtek Technology Corporation RT9166B Datasheet HTML 8Page - Richtek Technology Corporation RT9166B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
DS9166B-01 April 2011
www.richtek.com
RT9166B
Electrical Characteristics
(VIN = 2.8V whichever is greater; CIN = 1
μF, COUT = 3.3μF, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 6.5V
Power Dissipation, PD @ TA = 25
°C
SOT-89 --------------------------------------------------------------------------------------------------------------------- 0.847W
Package Thermal Resistance (Note 2)
SOT-89,
θJA---------------------------------------------------------------------------------------------------------------- 118°C/W
SOT-89,
θJC --------------------------------------------------------------------------------------------------------------- 58°C/W
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
-1
--
3
%
Current Limit
ILIM
RLOAD = 1Ω
600
--
--
mA
Quiescent Current
(Note 5)
IQ
IOUT = 0mA
--
220
300
μA
Line Regulation
ΔVLINE
VIN = 2.8V to 5.5V, IOUT = 1mA
--
0.2
--
%V
Load Regulation
(Note 6)
ΔVLOAD
1mA < IOUT < 600mA
--
30
55
mV
Power Supply Rejection
Rate
PSRR
f = 1kHz, COUT = 1μF
--
−55
--
dB
Thermal Shutdown
Temperature
TSD
--
170
--
°C
Thermal Shutdown
Hysteresis
ΔTSD
ISW = 0.2A
--
40
--
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com