Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD44324185B Datasheet (PDF) - Renesas Technology Corp

UPD44324185B Datasheet PDF - Renesas Technology Corp
Part # UPD44324185B
Download  UPD44324185B Download
File Size   425.18 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION

UPD44324185B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD44324185B Datasheet PDF - Renesas Technology Corp

Part # UPD44324185B
Download  UPD44324185B Click to download

File Size   425.18 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION

UPD44324185B Datasheet (HTML) - Renesas Technology Corp


UPD44324185B Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (15 x 17)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports
• DDR read or write operation initiated each cycle
• Pipelined double data rate operation
• Separate data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time and clock skew matching-clock
and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20 μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz), 3.5 ns (287 MHz), 4.0 ns (250 MHz), 5.0 ns (200 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port




Similar Part No. - UPD44324185B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44324185-A RENESAS-UPD44324185-A Datasheet
597Kb / 42P
MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD44324185F5-E33-EQ2 NEC-UPD44324185F5-E33-EQ2 Datasheet
360Kb / 32P
36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD44324185F5-E37-EQ2-A RENESAS-UPD44324185F5-E37-EQ2-A Datasheet
597Kb / 42P
MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD44324185F5-E40-EQ2 NEC-UPD44324185F5-E40-EQ2 Datasheet
360Kb / 32P
36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD44324185F5-E40-EQ2-A RENESAS-UPD44324185F5-E40-EQ2-A Datasheet
597Kb / 42P
MOS INTEGRATED CIRCUIT
2009
More results


Similar Description - UPD44324185B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD46364092B RENESAS-PD46364092B Datasheet
640Kb / 36P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46364185B RENESAS-PD46364185B Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46364185B RENESAS-PD46364185B_15 Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46184095B RENESAS-UPD46184095B Datasheet
601Kb / 34P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
UPD46364092B RENESAS-UPD46364092B Datasheet
640Kb / 36P
36M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46364185B RENESAS-UPD46364185B Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com