Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD46184095B Datasheet (PDF) - Renesas Technology Corp

UPD46184095B Datasheet PDF - Renesas Technology Corp
Part # UPD46184095B
Download  UPD46184095B Download
File Size   601.52 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION

UPD46184095B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD46184095B Datasheet PDF - Renesas Technology Corp

Part # UPD46184095B
Download  UPD46184095B Click to download

File Size   601.52 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION

UPD46184095B Datasheet (HTML) - Renesas Technology Corp


UPD46184095B Product details

Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports
• DDR read or write operation initiated each cycle
• Pipelined double data rate operation
• Separate data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time and clock skew matching-clock
and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20 μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz), 4.0 ns (250 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port




Similar Part No. - UPD46184095B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46184182BF1-E33-EQ1 RENESAS-UPD46184182BF1-E33-EQ1 Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46184182BF1-E33-EQ1-A RENESAS-UPD46184182BF1-E33-EQ1-A Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46184182BF1-E33Y-EQ1 RENESAS-UPD46184182BF1-E33Y-EQ1 Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD46184182BF1-E33Y-EQ1-A RENESAS-UPD46184182BF1-E33Y-EQ1-A Datasheet
611Kb / 34P
18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Similar Description - UPD46184095B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD46184095B RENESAS-PD46184095B Datasheet
601Kb / 34P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46364185B RENESAS-PD46364185B Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46364185B RENESAS-PD46364185B_15 Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164095B RENESAS-UPD44164095B Datasheet
468Kb / 35P
18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
October 6, 2011
UPD44324185B RENESAS-UPD44324185B Datasheet
425Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
September 12, 2011
UPD46364185B RENESAS-UPD46364185B Datasheet
606Kb / 35P
36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com