Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD48288118A Datasheet (PDF) - Renesas Technology Corp

UPD48288118A Datasheet PDF - Renesas Technology Corp
Part # UPD48288118A
Download  UPD48288118A Download
File Size   1069.42 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 288M-BIT Low Laten cy DRAM Separate I/O

UPD48288118A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD48288118A Datasheet PDF - Renesas Technology Corp

Part # UPD48288118A
Download  UPD48288118A Click to download

File Size   1069.42 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 288M-BIT Low Laten cy DRAM Separate I/O

UPD48288118A Datasheet (HTML) - Renesas Technology Corp


UPD48288118A Product details

Features
• SRAM-type interface
• Double-data-rate architecture
• PLL circuitry
• Cycle time: 1.875 ns @ tRC = 15 ns
2.5 ns @ tRC = 15 ns
2.5 ns @ tRC = 20 ns
3.3 ns @ tRC = 20 ns
• Non-multiplexed addresses
• Multiplexing option is available.
• Data mask for WRITE commands
• Differential input clocks (CK and CK#)
• Differential input data clocks (DK and DK#)
• Data valid signal (QVLD)
• Programmable burst length: 2 / 4 / 8 (x9 / x18)
• User programmable impedance output (25 Ω - 60 Ω)
• JTAG boundary scan




Similar Part No. - UPD48288118A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
288M-BIT Low Latency DRAM
More results


Similar Description - UPD48288118A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
32K x 36 Bit Synchronous Separate I/O SRAM
logo
Elpida Memory
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
288M bits Direct Rambus DRAM
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
288M-BIT Low Latency DRAM
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
288M-BIT Low Latency DRAM
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com