Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54115200 Datasheet (PDF) - Lapp.

54115200 Datasheet PDF - Lapp.
Part # 54115200
Download  54115200 Download
File Size   159.19 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® K-M / KR-M ATEX plus

54115200 Datasheet (PDF)

Go To PDF Page Download Datasheet
54115200 Datasheet PDF - Lapp.

Part # 54115200
Download  54115200 Click to download

File Size   159.19 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® K-M / KR-M ATEX plus

54115200 Datasheet (HTML) - Lapp.


54115200 Product details

Technical features:
Connecting thread M12x1.5 up to M63x1.5 acc. to EN 60423
Functional thread Multi-start trapezoidal thread
Protection class IP66 acc. to EN 60529
IP68 – 10 bar, test acc. to EN 60529
Temperature range -20 °C up to +80 °C
Design K-M standard
KR-M with reducing sealing ring (for smaller cable diameters)
Colour RAL 9005 black, UV resistant




Similar Part No. - 54115200

ManufacturerPart #DatasheetDescription
logo
Lapp.
54115400 LAPP-54115400 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115405 LAPP-54115405 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115410 LAPP-54115410 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115415 LAPP-54115415 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
54115420 LAPP-54115420 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
More results


Similar Description - 54115200

ManufacturerPart #DatasheetDescription
logo
Lapp.
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112500 LAPP-53112500 Datasheet
134Kb / 2P
SKINTOP® MS- M BRUSH 75 plus / 90 / 110 plus
17.12.2020
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53316220 LAPP-53316220 Datasheet
152Kb / 3P
SKINTOP® DIX-M
08.03.2022
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
54113002 LAPP-54113002 Datasheet
116Kb / 2P
SKINTOP® SDV-M / SDVR-M ATEX
03.07.2018
54115400 LAPP-54115400 Datasheet
153Kb / 2P
SKINTOP® K-M / KR-M ATEX plus blue
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com