Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49LF020A Datasheet (PDF) - Silicon Storage Technology, Inc

49LF020A Datasheet PDF - Silicon Storage Technology, Inc
Part # 49LF020A
Download  49LF020A Download
File Size   593.46 Kbytes
Page   50 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit LPC Flash

49LF020A Datasheet (PDF)

Go To PDF Page Download Datasheet
49LF020A Datasheet PDF - Silicon Storage Technology, Inc

Part # 49LF020A
Download  49LF020A Click to download

File Size   593.46 Kbytes
Page   50 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 2 Mbit LPC Flash

49LF020A Datasheet (HTML) - Silicon Storage Technology, Inc


49LF020A Product details

PRODUCT DESCRIPTION

The SST49LF020A flash memory device is designed to interface with the LPC bus for PC and Internet Appliance application in compliance with Intel Low Pin Count (LPC) Interface Specification 1.0. Two interface modes are supported: LPC mode for in-system operations and Parallel Programming (PP) mode to interface with programming equipment.



FEATURES:

• LPC Interface Flash

   – SST49LF020A: 256K x8 (2 Mbit)

• Conforms to Intel LPC Interface Specification 1.0

• Flexible Erase Capability

   – Uniform 4 KByte Sectors

   – Uniform 16 KByte overlay blocks

   – Top Boot Block protection: 16 KByte

   – Chip-Erase for PP Mode Only

• Single 3.0-3.6V Read and Write Operations

• Superior Reliability

   – Endurance: 100,000 Cycles (typical)

   – Greater than 100 years Data Retention

• Low Power Consumption

   – Active Read Current: 6 mA (typical)

   – Standby Current: 10 µA (typical)

• Fast Sector-Erase/Byte-Program Operation

   – Sector-Erase Time: 18 ms (typical)

   – Block-Erase Time: 18 ms (typical)

   – Chip-Erase Time: 70 ms (typical)

   – Byte-Program Time: 14 µs (typical)

   – Chip Rewrite Time: 4 seconds (typical)

   – Single-pulse Program or Erase

   – Internal timing generation

• Two Operational Modes

   – Low Pin Count (LPC) Interface mode for in-system operation

   – Parallel Programming (PP) Mode for fast production programming

• LPC Interface Mode

   – 5-signal communication interface supporting byte Read and Write

   – 33 MHz clock frequency operation

   – WP# and TBL# pins provide hardware write protect for entire chip and/or top boot block

   – Standard SDP Command Set

   – Data# Polling and Toggle Bit for End-of-Write detection

   – 5 GPI pins for system design flexibility

   – 4 ID pins for multi-chip selection

• Parallel Programming (PP) Mode

   – 11-pin multiplexed address and 8-pin data I/O interface

   – Supports fast programming In-System on programmer equipment

• CMOS and PCI I/O Compatibility

• Packages Available

   – 32-lead PLCC

   – 32-lead TSOP (8mm x 14mm)

• All non-Pb (lead-free) devices are RoHS compliant



 




Similar Part No. - 49LF020A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
49LF002 SST-49LF002 Datasheet
412Kb / 36P
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
49LF004A SST-49LF004A Datasheet
412Kb / 36P
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
More results


Similar Description - 49LF020A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
4 Mbit LPC Flash
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
4 Mbit LPC Firmware Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
8 Mbit LPC Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
4 Mbit / 8 Mbit LPC Serial Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
16 Mbit LPC Flash
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
3 Mbit LPC Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
16 Mbit LPC Flash
02/16
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com