Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRD730 Datasheet (PDF) - NXP Semiconductors

CLRD730 Datasheet PDF - NXP Semiconductors
Part # CLRD730
Download  CLRD730 Download
File Size   3766.06 Kbytes
Page   35 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Pegoda Smart Card Reader based on PN7642

CLRD730 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRD730 Datasheet PDF - NXP Semiconductors

Part # CLRD730
Download  CLRD730 Click to download

File Size   3766.06 Kbytes
Page   35 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Pegoda Smart Card Reader based on PN7642

CLRD730 Datasheet (HTML) - NXP Semiconductors


CLRD730 Product details

1 General description
The Pegoda CLRD730 desktop reader is a reference design and evaluation reader for contactless applications based on MIFARE, NTAG, and ICODE products as well as NFC-enabled mobile phones. The reader is built based on a controller-based NFC reader IC, named PN7642 with a powerful Cortex M33 microcontroller. The controller-based NFC reader IC hosts a Chip Card Interface Device (CCID) for operation. The CLRD730 supports two communication modes. By default the reader is delivered in PC/SC mode (personal computer/smart card) and can be switched by use of the Mode button to VCOM (Virtual COM) on »USB-C 1« port. The additional offered »USB-C 2« Power Port can be used for an additional external power supply. Next to the controller-based NFC reader IC the Common Criteria EAL 6+ certified MIFARE SAM AV3 is supported. By default, the MIFARE SAM AV3 is included with an add-on board module in non-X mode supporting multiple secure symmetrical (TDES, AES) and asymmetrical protocols (RSA, ECC), as well as offering secure key storage of required close-loop infrastructures. In addition, a MIFARE SAM AV3 contact ID-1
card through TDA8035 can be used through the offered contact interface of the CLRD730 reader.
The Pegoda CLRD730 reader offers a contact I2C controller serial port as host serial communication interface. The I2C interface is accessible from the outside between the »USB-C 1« and »USB-C 2« ports by a 4-pin I2C connector. The Pegoda CLRD730 reader offers full support of RFIDDiscover and CardTestFramework for all MIFARE, NTAG, and ICODE products. It uses an open software concept and PC-based tools with drivers for Windows, MacOS, and Linux support. The software code and hardware architecture are reusable.

2 Features and benefits
Features
• PN7642: All-in-one full ISO/IEC 14443, ISO/IEC 15693, and NFC (ISO/IEC 18000-2) controller solution with
support of high data rates
• MIFARE SAM AV3: latest security features support of MIFARE, NTAG, and ICODE
• USB-C 1: Dataport for power supply and communications via PC/SC or VCOM mode for Windows, MacOS,
and Linux.
• Fully compatible with NXP tools like RFIDDiscover, Card Test Framework, and NFC Cockpit
• Pegoda CLRD730 firmware binary, Ready to Flash in the Mass Storage Mode
Benefits
• PN7642 and MIFARE SAM AV3 based reference design and evaluation reader for fast, flexible development
of secure reader systems
• Quick embedded development with portable code for contactless connectivity and security experience through
MIFARE, NTAG, and ICODE
• Contact experience by support of I2C controller for connected tags
• Easy customization with flash-based microcontroller on NFC controller
Certifications
• CE (LVD, RED), FCC (Part 15), and EMC declaration of conformity
• NFC Form certification
• NFC reader for MIFARE certification
Kit content
• Pegoda smart card reader, CLRD730
• USB-C cable for power supply and communications
• MIFARE product-based cards and NFC tags of NTAG and ICODE

3 Applications
• Public transport ticketing (Metro, Bus, Train, …)
• Access management (Cooperate, Hospitality, Residential, …)
• Event management (Concerts, Sports, Culture, …)
• Micro-payment / Loyalty
• EV-charging
• NFC tagging
• PC peripheral terminal
• And many others




Similar Part No. - CLRD730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRD730 NXP-CLRD730 Datasheet
3Mb / 36P
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
Rev. 3.0 - 6 July 2023
CLRD730 NXP-CLRD730 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
CLRD730 NXP-CLRD730_V02 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
More results


Similar Description - CLRD730

ManufacturerPart #DatasheetDescription
logo
FCI connector
7332E0225S01 FCI-CONNECTOR-7332E0225S01 Datasheet
134Kb / 1P
SMART CARD READER VXX 27790
logo
WJ Communication. Inc.
WJM1000 WJCI-WJM1000 Datasheet
754Kb / 8P
Based on WJC200 Gen2 RFID reader chipset
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1044 CHERRY-ST-1044 Datasheet
116Kb / 2P
Smart Card Reader ST-1044 Smart Terminal
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
logo
NXP Semiconductors
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
PEGODA Contactless Smart Card Reader
Revision 2.0
CLRD730 NXP-CLRD730 Datasheet
3Mb / 36P
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
Rev. 3.0 - 6 July 2023
CLRD730 NXP-CLRD730_V02 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com