Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVT4558 Datasheet (PDF) - NXP Semiconductors

NVT4558 Datasheet PDF - NXP Semiconductors
Part # NVT4558
Download  NVT4558 Download
File Size   312.03 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SIM card interface level translator with EMI filter and ESD protection

NVT4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVT4558 Datasheet PDF - NXP Semiconductors

Part # NVT4558
Download  NVT4558 Click to download

File Size   312.03 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SIM card interface level translator with EMI filter and ESD protection

NVT4558 Datasheet (HTML) - NXP Semiconductors


NVT4558 Product details

1 General description
The NVT4558 device is built for interfacing a SIM card with a single low-voltage 1.08 V to 1.98 V host side interface. The NVT4558 contains three 1.62 V to 3.6 V level translators to convert the data, RSTn and CLKn signals between a SIM card and a host microcontroller.
The NVT4558 has been optimized for operation with mobile phone processors that support 1.2 V I/O and 1.8 V I/O. The NVT4558 is compliant with all ISO-7816 SIM/Smart card interface requirements and is compliant with JEDEC JESD76-2 requirements for CMOS 1.2 V logic devices.

2 Features and benefits
• Supports clock speed up to 10 MHz clock
• Compliant with all ISO-7816 SIM/Smart card interface requirements
• Support SIM card supply voltages with range of 1.62 V to 3.6 V
• Host microcontroller operating voltage range: 1.08 V to 1.98 V
• Automatic level translation of I/O, RSTn and CLKn between SIM card and host side interface with capacitance
isolation
• Incorporates shutdown feature for the SIM card signals according to ISO-7816-3
• Enable and disable through hardware enable pin or with automatic enable and disable feature
• Integrated pull-up and pull-down resistors
• Integrated EMI filters suppress higher harmonics of digital I/Os
• Integrated 8 kV ESD protection according to IEC 61000-4-2, level 4 on VCCB or any of the card side pins
• Level shifting buffers keep ESD stress away from the host (zero-clamping concept)
• Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen and antimony (Dark Green compliant)
• Available in 10-pin XQFN10 package with 0.4 mm pitch

3 Applications
• NVT4558 can be used with a range of SIM card attached devices including:
– Mobile and personal phones
– Wireless modems
– SIM card terminals




Similar Part No. - NVT4558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4558HK NXP-NVT4558HK Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4558HKX NXP-NVT4558HKX Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
More results


Similar Description - NVT4558

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF106C INFINEON-BGF106C Datasheet
571Kb / 7P
SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
BGF125 INFINEON-BGF125 Datasheet
580Kb / 7P
SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com