Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06 Datasheet (PDF) - Unisonic Technologies

30N06 Datasheet PDF - Unisonic Technologies
Part # 30N06
Download  30N06 Download
File Size   154.84 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30 Amps, 60 Volts N-CHANNEL POWER MOSFET

30N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
30N06 Datasheet PDF - Unisonic Technologies

Part # 30N06
Download  30N06 Click to download

File Size   154.84 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30 Amps, 60 Volts N-CHANNEL POWER MOSFET

30N06 Datasheet (HTML) - Unisonic Technologies


30N06 Product details

DESCRIPTION

The UTC 30N06 is a low voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and excellent avalanche characteristics. This power MOSFET is usually used at automotive applications in power supplies, high efficient DC to DC converters and battery operated products.





FEATURES

* RDS(ON)= 40mΩ@VGS= 10 V

* Ultra low gate charge ( typical 20 nC ) 

* Low reverse transfer Capacitance ( CRSS= typical 80 pF )

* Fast switching capability

* 100% avalanche energy specified

* Improved dv/dt capability




Similar Part No. - 30N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
309Kb / 8P
60V, 30A N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
30N06 ISC-30N06 Datasheet
64Kb / 2P
Fast Switching
30N06 ISC-30N06 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
30N06 VBSEMI-30N06 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - 30N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB30N06LT4G ONSEMI-NTB30N06LT4G Datasheet
72Kb / 7P
Power MOSFET 30 Amps, 60 Volts
August, 2005 ??Rev. 1
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com