Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N06 Datasheet (PDF) - Unisonic Technologies

60N06 Datasheet PDF - Unisonic Technologies
Part # 60N06
Download  60N06 Download
File Size   201.28 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60 Amps, 60 Volts N-CHANNEL POWER MOSFET

60N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
60N06 Datasheet PDF - Unisonic Technologies

Part # 60N06
Download  60N06 Click to download

File Size   201.28 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60 Amps, 60 Volts N-CHANNEL POWER MOSFET

60N06 Datasheet (HTML) - Unisonic Technologies


60N06 Product details

DESCRIPTION
The UTC 60N06 is N-channel enhancement mode power field effect transistors with stable off-state characteristics, fast switching speed, low thermal resistance, usually used at telecom and computer application.

FEATURES
* RDS(ON) ≤ 18mΩ @ VGS=10V, ID=30A
* Ultra low gate charge ( typical 39nC)
* Fast switching capability
* Low reverse transfer Capacitance (CRSS= typical 115pF)
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N06 ISC-60N06 Datasheet
284Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
60N06 VBSEMI-60N06 Datasheet
983Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Goford Semiconductor
60N06 GOFORD-60N06 Datasheet
658Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
12N06 UTC-12N06 Datasheet
195Kb / 5P
12 Amps, 60 Volts N-CHANNEL POWER MOSFET
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com