Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2159-QA Datasheet (PDF) - Richtek Technology Corporation

RTQ2159-QA Datasheet PDF - Richtek Technology Corporation
Part # RTQ2159-QA
Download  RTQ2159-QA Download
File Size   1500.17 Kbytes
Page   29 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface

RTQ2159-QA Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2159-QA Datasheet PDF - Richtek Technology Corporation

Part # RTQ2159-QA
Download  RTQ2159-QA Click to download

File Size   1500.17 Kbytes
Page   29 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface

RTQ2159-QA Datasheet (HTML) - Richtek Technology Corporation


RTQ2159-QA Product details

General Description
The RTQ2159 is a high-performance, synchronous
step-down DC-DC converter that can deliver up to 8A
output current from a 2.85V to 6.5V input supply. The
output voltage can be programmed from 0.6V to 1.5V
with I2C controlled 7-Bits VID.
The device integrates low RDS(ON) power MOSFETs,
accurate reference voltage and an integrated diode of
bootstrap circuit to offer a very compact solution.
The RTQ2159 adopts Advanced Constant On-Time
(ACOT® ) control architecture that provides ultrafast
transient response and further reduces the
external-component count. In steady states, the
ACOT® operates in nearly constant switching
frequency over line, load and output voltage ranges
and makes the EMI filter design easier. The RTQ2159
operations in Forced-CCM that helps meet tight voltage
regulation accuracy requirements.
The device offers independent enable control input pin
and power good indicator for easily sequence control.
To control the inrush current during the startup, the
device provides a programmable soft-start up by an
external capacitor connected to the SS pin. Fully
protection features are also integrated in the device
including the cycle-by-cycle current limit control, UVP,
input UVLO and OTP. The RTQ2159 is available in a
thermally enhanced WET-WQFN-21L 4x4 (FC)
package.

Features
 AEC-Q100 Grade 1 Qualified
 Dramatically Fast Transient Response
 Selectable Switching Frequency (0.46MHz /
0.69MHz / 0.92MHz / 2.1MHz)
 Extremely High Efficiency 15mΩ/10mΩ MOSFETs
 Advanced COT Control Loop
 Wide Input Voltage Range from 2.85V to 6.5V
 Optimized for Ceramic Output Capacitors
 Internal Start-Up into Pre-biased Outputs
 Power Good Indicator
 Enable Control
 Over-Current and Over-Temperature Protections
 Under-Voltage Protection with Hiccup Mode
 VID Control Range Via I2C Compatible Interface :
0.6V to 1.5V step = 10mV

Applications
 Automotive Systems
 Infotainment and Cockpit Systems
 Vehicle ADAS ECU
 Connected Car Systems
 High Density DDR Memory
 Broadband Communications and Industrial
Systems




Similar Part No. - RTQ2159-QA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2158A-QA RICHTEK-RTQ2158A-QA Datasheet
1Mb / 26P
Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
RTQ2158AGQWTF-QA RICHTEK-RTQ2158AGQWTF-QA Datasheet
1Mb / 26P
Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
More results


Similar Description - RTQ2159-QA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
ACOT Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
logo
Richtek Technology Corp...
RT5759A RICHTEK-RT5759A Datasheet
768Kb / 35P
9A, 6.5V, 1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
January 2023
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com