Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2521 Datasheet (PDF) - Richtek Technology Corporation

RTQ2521 Datasheet PDF - Richtek Technology Corporation
Part # RTQ2521
Download  RTQ2521 Download
File Size   469.04 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator

RTQ2521 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2521 Datasheet PDF - Richtek Technology Corporation

Part # RTQ2521
Download  RTQ2521 Click to download

File Size   469.04 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator

RTQ2521 Datasheet (HTML) - Richtek Technology Corporation


RTQ2521 Product details

General Description
The RTQ2521 is a high-current (1.2A), low-noise (6μVrms),
high accuracy (1% over line, load, and temperature), lowdropout
linear regulator (LDO) capable of sourcing 1.2A
with extremely low dropout (max. 75mV). The device
supports single input supply voltage as low to 1.1V that
makes it easy to use.
The low noise, high PSRR and high output current capability
makes the RTQ2521 ideal to power noise-sensitive devices
such as analog-to-digital converters (ADCs), digital-toanalog
converters (DACs), and RF components. With very
high accuracy, remote sensing, and soft-start capabilities
to reduce inrush current, the RTQ2521 is ideal for powering
digital loads such as FPGAs, DSPs, and ASICs.
The external enable control and power good indicator
function makes the sequence control easier. The output
noise immunity is enhanced by adding external bypass
capacitor on NR/SS pin. The device is fully specified over
the temperature range of TJ = −40°C to 125°C and is offered
in the WDFN-8EL 3x3 package.

Features
 Input Voltage Range : 1.1V to 6.5V
 Output Voltage Range : 0.8V to 5.5V
 Accurate Output Voltage Accuracy (1%) Over Line,
Load and Temperature
 Ultra High PSRR : 38dB at 500kHz
 Excellent Noise Immunity
 6μVRMS at 0.8V Output
 Ultra Low Dropout Voltage : 75mV at 1.2A
 Enable Control
 Programmable Soft-Start Output
 Stable with a 4.7μF or Larger Ceramic Output
Capacitor
 Support Power-Good Indicator Function
 RoHS Compliant and Halogen Free

Applications
 Portable Electronic Device
 Wireless Infrastructure : SerDes, FPGA, DSP
 RF, IF Components : VCO, ADC, DAC, LVDS




Similar Part No. - RTQ2521

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521AGQW RICHTEK-RTQ2521AGQW Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results


Similar Description - RTQ2521

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2982 SEMTECH-SC2982 Datasheet
133Kb / 5P
50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com