Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2539A Datasheet (PDF) - Richtek Technology Corporation

RTQ2539A Datasheet PDF - Richtek Technology Corporation
Part # RTQ2539A
Download  RTQ2539A Download
File Size   683.64 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator

RTQ2539A Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2539A Datasheet PDF - Richtek Technology Corporation

Part # RTQ2539A
Download  RTQ2539A Click to download

File Size   683.64 Kbytes
Page   22 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator

RTQ2539A Datasheet (HTML) - Richtek Technology Corporation


RTQ2539A Product details

General Description
The RTQ2539A is a high-current (3A), low-noise
(6.8μVRMS), high accuracy (1% over line, load, and
temperature), low-dropout linear regulator (LDO) capable
of sourcing 3A with extremely low dropout (max. 180mV).
The device supports single input supply voltage as low to
1.1V, which makes it easy to use.
The low-noise, high PSRR and high output current capability
makes the RTQ2539A ideal to power noise-sensitive
devices such as analog-to-digital converters (ADCs),
digital-to-analog converters (DACs), and RF components.
With very high accuracy, remote sensing, and soft-start
capabilities to reduce inrush current, the RTQ2539A is
ideal for powering digital loads such as FPGAs, DSPs,
and ASICs.
The external enable control and power good indicator
function make the control sequence easier. The output
noise immunity is enhanced by adding external bypass
capacitor on the NR/SS pin. The device is fully specified
over the temperature range of TJ = −40°C to 125°C and is
offered in a WQFN-12L 2.2x2.5 (FC) package.

Features
 Input Voltage Range : 1.1V to 6.5V
 Output Voltage Range : 0.8 V to 5.5V
 Accurate Output Voltage Accuracy (1%) Over Line,
Load and Temperature
 Ultra High PSRR : 40dB at 500kHz
 Excellent Noise Immunity
6.8μVRMS at 0.8V Output
10μVRMS at 3.3V Output
 Ultra Low Dropout Voltage : 180mV at 3A
 Enable Control
 Programmable Soft-Start Output
 Stable with a 47μF or Larger Ceramic Output
Capacitor
 Support Power-Good Indicator Function
 RoHS Compliant and Halogen Free

Applications
 Portable Electronic Devices
 Wireless Infrastructures : SerDes, FPGA, DSP
 RF, IF Components : VCO, ADC, DAC, LVDS




Similar Part No. - RTQ2539A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533E RICHTEK-RTQ2533E Datasheet
1Mb / 30P
3A, 6.5V, Low-Noise, Low-Dropout Linear Regulator
May 2024
More results


Similar Description - RTQ2539A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com