Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2533E Datasheet (PDF) - Richtek Technology Corporation

RTQ2533E Datasheet PDF - Richtek Technology Corporation
Part # RTQ2533E
Download  RTQ2533E Download
File Size   1847.97 Kbytes
Page   30 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 6.5V, Low-Noise, Low-Dropout Linear Regulator

RTQ2533E Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2533E Datasheet PDF - Richtek Technology Corporation

Part # RTQ2533E
Download  RTQ2533E Click to download

File Size   1847.97 Kbytes
Page   30 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 6.5V, Low-Noise, Low-Dropout Linear Regulator

RTQ2533E Datasheet (HTML) - Richtek Technology Corporation


RTQ2533E Product details

1 General Description
The RTQ2533E is a high-current (3A), low-noise
(6.8VRMS), high accuracy (1% over line, load, and
temperature), low-dropout linear regulator (LDO)
capable of sourcing 3A with an extremely low dropout
(maximum 180mV). The device supports a single input
supply voltage as low to 1.1V, which makes it easy to
use.
The low-noise, high PSRR, and high output current
capability make the RTQ2533E ideal to power noisesensitive devices such as analog-to-digital converters
(ADCs), digital-to-analog converters (DACs), and RF
components. With very high accuracy, remote sensing,
and soft-start capabilities to reduce inrush current, the
RTQ2533E is ideal for powering digital loads such as
FPGAs, DSPs, and ASICs.
The external enable control and power good indicator
function make the control sequence easier. The output
noise immunity is enhanced by adding an external
bypass capacitor on the NR/SS pin. The device is fully
specified over the temperature range of TJ = −40°C to
125°C and is offered in the VQFN-20L 3.5x3.5
package.

2 Features
⚫ Input Voltage Range: 1.1V to 6.5V
⚫ Two Output Voltage Modes
⚫ 0.5 V to 5.5V (Set by a Resistive Divider)
⚫ 0.5V to 2.075V (Set via PCB Layout, No
External Resistor Required)
⚫ Accurate Output Voltage Accuracy (1%) Over
Line, Load, and Temperature
⚫ PSRR: 44dB at 500kHz
⚫ Noise Immunity
⚫ 6.8VRMS at 0.5V Output
⚫ 16VRMS at 5V Output
⚫ Dropout Voltage: 180mV Maximum at 3A
⚫ Enable Control
⚫ Programmable Soft-Start Output
⚫ Stable with a 47F or Larger Ceramic Output
Capacitor
⚫ Support Power-Good Indicator Function
⚫ Junction Temperature Range: −40C to 125C

3 Applications
⚫ Portable Electronic Devices
⚫ Wireless Infrastructures: SerDes, FPGA, DSP
⚫ RD, IF, Components: VCO, ADC, DAC, LVDS




Similar Part No. - RTQ2533E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533WGQV RICHTEK-RTQ2533WGQV Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Similar Description - RTQ2533E

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
3A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com