Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2531A Datasheet (PDF) - Richtek Technology Corporation

RTQ2531A Datasheet PDF - Richtek Technology Corporation
Part # RTQ2531A
Download  RTQ2531A Download
File Size   845.01 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, 5.5V, Low Noise Low Dropout Regulator

RTQ2531A Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2531A Datasheet PDF - Richtek Technology Corporation

Part # RTQ2531A
Download  RTQ2531A Click to download

File Size   845.01 Kbytes
Page   17 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA, 5.5V, Low Noise Low Dropout Regulator

RTQ2531A Datasheet (HTML) - Richtek Technology Corporation


RTQ2531A Product details

General Description
The RTQ2531A is a low-noise, high accuracy, lowdropout
linear regulator (LDO), and is capable of
sourcing 500mA. The device supports single input
supply voltage as low to 1.7V, which makes it easy to
use.
The RTQ2531A is designed with high PSRR and low
noise, which can meet the requirements of noisesensitive
applications such as RF, PLL, Clocking and
analog circuits. The regulator control circuitry includes a
programmable soft-start circuit and short circuit, reverse
current, and over-temperature protection. Other
features include an enable input and a power-OK output.
The device is fully specified over the temperature range
of TJ = −40°C to 125°C and is offered in a WDFN-8SL
2x2 package.

Features
⚫ Input Voltage Range : 1.7V to 5.5V
⚫ Output Voltage Range : 0.6V to 5.3V
⚫ Accurate Voltage Reference
 0.6V 1.5%, Over −40C to 125C
⚫ Ultra High PSRR : 48dB at 500kHz
⚫ Excellent Noise Immunity : 25VRMS
⚫ Ultra Low Dropout Voltage : 150mV at 500mA
⚫ Enable Control
⚫ Short-Circuit Protection
⚫ Output-to-Input Reverse Current Protection
⚫ Support Power-OK Output Indicator Function
⚫ RoHS Compliant and Halogen Free

Applications
⚫ Portable Electronic Device
⚫ Optical Modules
⚫ Camera Modules
⚫ PLL/Synthesizer, Clocking Sensors
⚫ Medium-Current, Noise Sensitive Application




Similar Part No. - RTQ2531A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533E RICHTEK-RTQ2533E Datasheet
1Mb / 30P
3A, 6.5V, Low-Noise, Low-Dropout Linear Regulator
May 2024
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533WGQV RICHTEK-RTQ2533WGQV Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Similar Description - RTQ2531A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
Linear Technology
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
500mA Low-Dropout Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Richtek Technology Corp...
RT9065 RICHTEK-RT9065 Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com