Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1499A Datasheet (PDF) - Belden Inc.

1499A Datasheet PDF - Belden Inc.
Part # 1499A
Download  1499A Download
File Size   160.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1499A Datasheet (PDF)

Go To PDF Page Download Datasheet
1499A Datasheet PDF - Belden Inc.

Part # 1499A
Download  1499A Click to download

File Size   160.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

1499A Datasheet (HTML) - Belden Inc.


1499A Product details

Product Description
UL Instrumentation, 36 Pair 16+22AWG (7x24+7x30) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer
Jacket, PLTC ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 1499A

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
1499 ABBATRON-1499 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adels-Contact
149902A5 ADELS-149902A5 Datasheet
121Kb / 1P
AC 162 VT/ 3-1 LED
30/12/2019
149902A6 ADELS-149902A6 Datasheet
147Kb / 1P
AC 162 VT/ 4-1 LED
30/12/2019
logo
Festo Corporation.
14992 FESTO-14992 Datasheet
72Kb / 1P
Pneumatic counter
logo
Adels-Contact
14992152 ADELS-14992152 Datasheet
111Kb / 1P
AC 164 VT 3-2 015 white
09/12/2019
More results


Similar Description - 1499A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1061A BELDEN-1061A Datasheet
165Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1495A BELDEN-1495A Datasheet
162Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1059A BELDEN-1059A Datasheet
164Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1079A BELDEN-1079A Datasheet
211Kb / 2P
Inst, 16 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1081A BELDEN-1081A Datasheet
163Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1481A BELDEN-1481A Datasheet
161Kb / 2P
Inst, 36 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1493A BELDEN-1493A Datasheet
162Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3050A BELDEN-3050A Datasheet
221Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com