Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3042A Datasheet (PDF) - Belden Inc.

3042A Datasheet PDF - Belden Inc.
Part # 3042A
Download  3042A Download
File Size   216.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

3042A Datasheet (PDF)

Go To PDF Page Download Datasheet
3042A Datasheet PDF - Belden Inc.

Part # 3042A
Download  3042A Click to download

File Size   216.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG

3042A Datasheet (HTML) - Belden Inc.


3042A Product details

Product Description
UL Instrumentation, 50 Pair 18+22AWG (7x26+7x30) Bare Copper, PVC Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer
Jacket, PLTC ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 3042A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3042 KR-3042 Datasheet
53Kb / 3P
140 MHz Bandpass Filter
logo
Keystone Electronics Co...
3042 KEYSTONE-3042 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
3042-0060 ETC1-3042-0060 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
3042-0061 ETC1-3042-0061 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
3042-0062 ETC1-3042-0062 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
More results


Similar Description - 3042A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1082A BELDEN-1082A Datasheet
161Kb / 2P
Inst, 50 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1474A BELDEN-1474A Datasheet
165Kb / 2P
Inst, 2 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3051A BELDEN-3051A Datasheet
160Kb / 2P
Inst, 16 Pr #1622 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1032A BELDEN-1032A Datasheet
185Kb / 2P
Inst, 1 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1081A BELDEN-1081A Datasheet
163Kb / 2P
Inst, 36 Pr #2022 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3041A BELDEN-3041A Datasheet
222Kb / 2P
Inst, 50 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1824 BELDEN-32P1824 Datasheet
152Kb / 2P
Inst PVC/PVC, 24 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1481A BELDEN-1481A Datasheet
161Kb / 2P
Inst, 36 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3027A BELDEN-3027A Datasheet
164Kb / 2P
Inst, 2 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1816 BELDEN-32P1816 Datasheet
152Kb / 2P
Inst PVC/PVC, 16 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com