Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3027A Datasheet (PDF) - Belden Inc.

3027A Datasheet PDF - Belden Inc.
Part # 3027A
Download  3027A Download
File Size   164.84 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

3027A Datasheet (PDF)

Go To PDF Page Download Datasheet
3027A Datasheet PDF - Belden Inc.

Part # 3027A
Download  3027A Click to download

File Size   164.84 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

3027A Datasheet (HTML) - Belden Inc.


3027A Product details

Product Description
UL Instrumentation, 2 Pair 18AWG (7x26+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC ITC
CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 3027A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3027 POMONA-3027 Datasheet
23Kb / 1P
Minature Double Banana Plug To Miniature Alligator Clips
logo
Schurter Inc.
3027 SCHURTER-3027 Datasheet
385Kb / 3P
Power Cord with IEC Connector C13, Straight
logo
Heyco.
3027 HEYCO-3027 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
3027 ABBATRON-3027 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3027 KEYSTONE-3027 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
More results


Similar Description - 3027A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
1474A BELDEN-1474A Datasheet
165Kb / 2P
Inst, 2 Pr #1822 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3025A BELDEN-3025A Datasheet
161Kb / 2P
Inst, 2 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1402 BELDEN-32P1402 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
08-10-2023
1032A BELDEN-1032A Datasheet
185Kb / 2P
Inst, 1 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3032A BELDEN-3032A Datasheet
213Kb / 2P
Inst, 8 Tri #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1824 BELDEN-32P1824 Datasheet
152Kb / 2P
Inst PVC/PVC, 24 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1468A BELDEN-1468A Datasheet
160Kb / 2P
Inst, 12 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
32P1816 BELDEN-32P1816 Datasheet
152Kb / 2P
Inst PVC/PVC, 16 Pr #18 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com