Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1468A Datasheet (PDF) - Belden Inc.

1468A Datasheet PDF - Belden Inc.
Part # 1468A
Download  1468A Download
File Size   160.87 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1468A Datasheet (PDF)

Go To PDF Page Download Datasheet
1468A Datasheet PDF - Belden Inc.

Part # 1468A
Download  1468A Click to download

File Size   160.87 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1468A Datasheet (HTML) - Belden Inc.


1468A Product details

Product Description
UL Instrumentation, 12 Pair 18+22AWG (7x26+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 1468A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1468 POMONA-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
logo
3M Electronics
1468 3M-1468 Datasheet
32Kb / 1P
Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
22-May-2002
logo
List of Unclassifed Man...
1468-1 ETC2-1468-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1468-1 KEYSTONE-1468-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1468-2 ETC2-1468-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results


Similar Description - 1468A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1472A BELDEN-1472A Datasheet
160Kb / 2P
Inst, 36 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3025A BELDEN-3025A Datasheet
161Kb / 2P
Inst, 2 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3034A BELDEN-3034A Datasheet
222Kb / 2P
Inst, 16 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1058A BELDEN-1058A Datasheet
203Kb / 2P
Inst, 12 Pr #2022 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1466A BELDEN-1466A Datasheet
160Kb / 2P
Inst, 4 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1471A BELDEN-1471A Datasheet
161Kb / 2P
Inst, 24 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1486A BELDEN-1486A Datasheet
166Kb / 2P
Inst, 12 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1529A BELDEN-1529A Datasheet
162Kb / 2P
Inst, 3 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3041A BELDEN-3041A Datasheet
222Kb / 2P
Inst, 50 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1467A BELDEN-1467A Datasheet
201Kb / 2P
Inst, 8 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com