Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1466A Datasheet (PDF) - Belden Inc.

1466A Datasheet PDF - Belden Inc.
Part # 1466A
Download  1466A Download
File Size   160.89 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1466A Datasheet (PDF)

Go To PDF Page Download Datasheet
1466A Datasheet PDF - Belden Inc.

Part # 1466A
Download  1466A Click to download

File Size   160.89 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG

1466A Datasheet (HTML) - Belden Inc.


1466A Product details

Product Description
UL Instrumentation, 4 Pair 18+22AWG (7x26+7x30) Bare Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, PLTC
ITC CMG AWM 2464 SUN RES DIR BUR




Similar Part No. - 1466A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1466 VISHAY-1466 Datasheet
53Kb / 1P
Bulk Metal Foil Technology Single-In-Line Hermetic Resistor Networks
31-Jul-02
logo
Heyco.
14660 HEYCO-14660 Datasheet
360Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1466209 PHOENIX-1466209 Datasheet
473Kb / 8P
VAL-SPP-T2-275-10-UT - Type 2 surge arrester
1466210 PHOENIX-1466210 Datasheet
702Kb / 10P
VAL-SPP-T2-275-10-UT-R - Type 2 surge arrester
1466211 PHOENIX-1466211 Datasheet
448Kb / 10P
VAL-SPP-T2-275-11-UT - Type 2 surge arrester
More results


Similar Description - 1466A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1472A BELDEN-1472A Datasheet
160Kb / 2P
Inst, 36 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1484A BELDEN-1484A Datasheet
166Kb / 2P
Inst, 4 Pr #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3025A BELDEN-3025A Datasheet
161Kb / 2P
Inst, 2 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3034A BELDEN-3034A Datasheet
222Kb / 2P
Inst, 16 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1032A BELDEN-1032A Datasheet
185Kb / 2P
Inst, 1 Pr #18 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1471A BELDEN-1471A Datasheet
161Kb / 2P
Inst, 24 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1529A BELDEN-1529A Datasheet
162Kb / 2P
Inst, 3 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3041A BELDEN-3041A Datasheet
222Kb / 2P
Inst, 50 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
1467A BELDEN-1467A Datasheet
201Kb / 2P
Inst, 8 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
06-01-2023
1468A BELDEN-1468A Datasheet
160Kb / 2P
Inst, 12 Pr #181c #22 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com