Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9445 Datasheet (PDF) - Analog Devices

AD9445 Datasheet PDF - Analog Devices
Part # AD9445
Download  AD9445 Download
File Size   620.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Low Distortion IF Dual VGA

AD9445 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9445 Datasheet PDF - Analog Devices

Part # AD9445
Download  AD9445 Click to download

File Size   620.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Low Distortion IF Dual VGA

AD9445 Datasheet (HTML) - Analog Devices


AD9445 Product details

GENERAL DESCRIPTION
The AD8376 is a dual channel, digitally controlled, variable gain wide bandwidth amplifier that provides precise gain control, high IP3, and low noise figure. The excellent distortion performance and high signal bandwidth make the AD8376 an excellent gain control device for a variety of receiver applications.

FEATURES
   Dual independent digitally controlled VGAs
   Bandwidth of 700 MHz (−3 dB)
   Gain range: −4 dB to +20 dB
   Step size: 1 dB ± 0.2 dB
   Differential input and output
   Noise figure: 8.7 dB @ maximum gain
   Output IP3 of ~50 dBm at 200 MHz
   Output P1dB of 20 dBm at 200 MHz
   Dual parallel 5-bit control interface
   Provides constant SFDR vs. gain
   Power-down control
   Single 5 V supply operation
   32-lead, 5 mm x 5 mm LFCSP

APPLICATIONS
   Differential ADC drivers
   Main and diversity IF sampling receivers
   Wideband multichannel receivers
   Instrumentation




Similar Part No. - AD9445

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445 Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
AD9445 AD-AD9445 Datasheet
126Kb / 3P
Using the AD8352 as an Ultralow Distortion Differential RF/IF Front End for High Speed ADCs
REV. A
AD9445 AD-AD9445 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9445-BB-LVDS AD-AD9445-BB-LVDS Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
AD9445-BB-LVDS/PCB AD-AD9445-BB-LVDS/PCB Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
More results


Similar Description - AD9445

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5554 LINER-LT5554 Datasheet
601Kb / 32P
Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
Low Distortion Differential RF/IF Amplifier
REV. D
AD8375 AD-AD8375_15 Datasheet
716Kb / 24P
Ultralow Distortion IF VGA
REV. A
logo
Linear Technology
LT5554 LINER-LT5554_15 Datasheet
610Kb / 32P
Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
logo
Analog Devices
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com