Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9445 Datasheet (PDF) - Analog Devices

AD9445 Datasheet PDF - Analog Devices
Part # AD9445
Download  AD9445 Download
File Size   965.29 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 105/125 MSPS, IF Sampling ADC

AD9445 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9445 Datasheet PDF - Analog Devices

Part # AD9445
Download  AD9445 Click to download

File Size   965.29 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 105/125 MSPS, IF Sampling ADC

AD9445 Datasheet (HTML) - Analog Devices


AD9445 Product details

GENERAL DESCRIPTION
The AD9445 is a 14-bit, monolithic, sampling analog-to-digital converter (ADC) with an on-chip IF sampling track-and-hold circuit. It is optimized for performance, small size, and ease of use. The product operates at up to a 125 MSPS conversion rate and is designed for multicarrier, multimode receivers, such as those found in cellular infrastructure equipment.

FEATURES
   125 MSPS guaranteed sampling rate (AD9445BSV-125)
   78.3 dBFS SNR/92 dBFS SFDR with 30 MHz input (3.2 V p-p)
   74.8 dBFS SNR/95 dBFS SFDR with 30 MHz input (2.0 V p-p)
   77.0 dBFS SNR/87 dBFS SFDR with 170 MHz input (3.2 V p-p)
   74.6 dBFS SNR/95 dBFS SFDR with 170 MHz input (2.0 V p-p)
   73.0 dBFS SNR/88 dBFS SFDR with 300 MHz input (2.0 V p-p)
   102 dBFS 2-tone SFDR with 30 MHz and 31 MHz
   92 dBFS 2-tone SFDR with 170 MHz and 171 MHz
   60 fsec rms jitter
   Excellent linearity
      DNL = ±0.25 LSB typical
      INL = ±0.8 LSB typical
   2.0 V p-p to 4.0 V p-p differential full-scale input
   Buffered analog inputs
   LVDS outputs (ANSI-644 compatible) or CMOS outputs
   Data format select (offset binary or twos complement)
   Output clock available
   3.3 V and 5 V supply operation

APPLICATIONS
   Multicarrier, multimode cellular receivers
   Antenna array positioning
   Power amplifier linearization
   Broadband wireless
   Radar
   Infrared imaging
   Medical imaging
   Communications instrumentation




Similar Part No. - AD9445

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD9445 AD-AD9445 Datasheet
126Kb / 3P
Using the AD8352 as an Ultralow Distortion Differential RF/IF Front End for High Speed ADCs
REV. A
AD9445 AD-AD9445 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9445-BB-LVDS/PCB AD-AD9445-BB-LVDS/PCB Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9445-BB-LVDSPCB AD-AD9445-BB-LVDSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results


Similar Description - AD9445

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9461 AD-AD9461 Datasheet
820Kb / 28P
16-Bit, 130 MSPS IF Sampling ADC
4/06-Revision 0
AD9253 AD-AD9253 Datasheet
1Mb / 40P
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
16-Bit, 130 MSPS IF Sampling ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com