Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1753-AA3-R Datasheet (PDF) - Unisonic Technologies

UP1753-AA3-R Datasheet PDF - Unisonic Technologies
Part # UP1753-AA3-R
Download  UP1753-AA3-R Download
File Size   92.26 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH CURRENT LOW V TRANSISTOR

UP1753-AA3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1753-AA3-R Datasheet PDF - Unisonic Technologies

Part # UP1753-AA3-R
Download  UP1753-AA3-R Click to download

File Size   92.26 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH CURRENT LOW V TRANSISTOR

UP1753-AA3-R Datasheet (HTML) - Unisonic Technologies


UP1753-AA3-R Product details

DESCRIPTION
The UTC UP1753 is specially designed to have high current and low VCE(SAT) to suit for power amplifier application and power switching application.  

FEATURES
* VCE(SAT) typ is below 300mV at 5A
* Max continuous current 6 A
* BVCEO is 100V minimum




Similar Part No. - UP1753-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1753 UTC-UP1753 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753G-AA3-R UTC-UP1753G-AA3-R Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753L-AA3-R UTC-UP1753L-AA3-R Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753 UTC-UP1753_12 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
More results


Similar Description - UP1753-AA3-R

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
High-Current, Low-Dropout, 2.5 V Regulator
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965B UTC-2SD965B Datasheet
101Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
D965SS UTC-D965SS Datasheet
77Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
2SD965 UTC-2SD965_09 Datasheet
137Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
UP1753 UTC-UP1753_12 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
2SD965A UTC-2SD965A_15 Datasheet
236Kb / 5P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
D965ASS UTC-D965ASS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.A
2SD965 BILIN-2SD965 Datasheet
154Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.B
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com