Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1753-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP1753-AA3-R
Description  HIGH CURRENT LOW V TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1753-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP1753-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1753-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1753-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1753-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1753
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R220-020,A
HIGH CURRENT
LOW VCE(SAT) TRANSISTOR
DESCRIPTION
The UTC UP1753 is specially designed to have high current and
low VCE(SAT) to suit for power amplifier application and power
switching application.
FEATURES
*VCE(SAT) typ is below 300mV at 5A
* Max continuous current 6 A
* BVCEO is 100V minimum.
SOT-223
1
*Pb-free plating product number: UP1753L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UP1753-AA3-R
UP1753L-AA3-R
SOT-223
B
C
E
Tape Reel
UP1753L-AA3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AA3: SOT-223
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UP1753-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1753 UTC-UP1753 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753G-AA3-R UTC-UP1753G-AA3-R Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753L-AA3-R UTC-UP1753L-AA3-R Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
UP1753 UTC-UP1753_12 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
More results

Similar Description - UP1753-AA3-R

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
High-Current, Low-Dropout, 2.5 V Regulator
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965B UTC-2SD965B Datasheet
101Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
D965SS UTC-D965SS Datasheet
77Kb / 3P
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
2SD965 UTC-2SD965_09 Datasheet
137Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
UP1753 UTC-UP1753_12 Datasheet
204Kb / 4P
HIGH CURRENT LOW VCE(SAT) TRANSISTOR
2SD965A UTC-2SD965A_15 Datasheet
236Kb / 5P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
D965ASS UTC-D965ASS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.A
2SD965 BILIN-2SD965 Datasheet
154Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com