Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5201-3 Datasheet (PDF) - ON Semiconductor

CS5201-3 Datasheet PDF - ON Semiconductor
Part # CS5201-3
Download  CS5201-3 Download
File Size   191.67 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, 3.3 V Fixed Linear Regulator

CS5201-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5201-3 Datasheet PDF - ON Semiconductor

Part # CS5201-3
Download  CS5201-3 Click to download

File Size   191.67 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, 3.3 V Fixed Linear Regulator

CS5201-3 Datasheet (HTML) - ON Semiconductor


CS5201-3 Product details

The CS5201−3 linear regulator provides 1.0 A @ 3.3 V reference at 1.0 A with an output voltage accuracy of ±1.5%.
This regulator is intended for use as a post regulator and microprocessor supply. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage operation and good transient response are important.
The circuit is designed to operate with dropout voltages less than 1.2 V at 1.0 A output current.
The maximum quiescent current is only 10 mA at full load. Device protection includes overcurrent and thermal shutdown.
The CS5201−3 is pin compatible with the LT1086 family of linear regulators.
The regulator is available in TO−220−3, surface mount D2, and SOT−223 packages.

Features
• Pb−Free Package is Available
• Output Current to 1.0 A
• Output Accuracy to ±1.5% Overtemperature
• Dropout Voltage (typical) 1.0 V @ 1.0 A
• Fast Transient Response
• Fault Protection
    ♦ Current Limit
    ♦ Thermal Shutdown




Similar Part No. - CS5201-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5201-3GDP3 CHERRY-CS5201-3GDP3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5201-3GDPR3 CHERRY-CS5201-3GDPR3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5201-3GST3 CHERRY-CS5201-3GST3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
CS5201-3GSTR3 CHERRY-CS5201-3GSTR3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
More results


Similar Description - CS5201-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com